AI

The **M2SES-1A1-R** is a high-performance, small-form-factor Solid State Drive (SSD) module specifically designed for industrial and embedded computing environments. It is manufactured by **Innodisk**.
Below is a detailed breakdown of its electronic components, specifications, and architecture.
---
### 1. Key Technical Specifications
The M2SES-1A1-R belongs to the M.2 (NGFF) family, utilizing the SATA interface.
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | M.2 2242 (42mm length) |
| **Interface** | SATA III 6.0 Gb/s |
| **Flash Type** | SLC (Single Level Cell) |
| **Capacity** | 1GB (typically, depending on exact sub-model) |
| **Control IC** | Standard Innodisk SATA Controller |
| **Input Voltage** | 3.3V ± 5% |
---
### 2. Electronic Components & Architecture
#### A. Storage Medium: SLC Flash
The "S" in the part number often signifies **SLC (Single Level Cell)** NAND flash. Unlike consumer-grade TLC or QLC, SLC stores only 1 bit per cell.
* **Durability:** Extremely high P/E (Program/Erase) cycles (up to 100,000).
* **Reliability:** Lowest error rates and highest stability in extreme temperatures.
#### B. The Controller
The onboard controller manages data flow between the SATA interface and the NAND flash. Key electronic functions include:
* **Error Correction Code (ECC):** Detects and fixes data corruption on the fly.
* **Wear Leveling:** Algorithms that distribute write/erase cycles evenly across flash blocks to prevent premature failure.
* **Bad Block Management:** Identifies and maps out defective memory cells.
#### C. Power Management Circuitry
As an industrial component, the M2SES-1A1-R includes robust power regulation:
* **Voltage Regulators:** Converts the 3.3V input to the specific voltages required by the NAND and Controller.
* **iData Guard:** A proprietary technology that monitors power levels to prevent data loss during sudden power outages.
---
### 3. Physical & Environmental Attributes
Because this part is often used in aerospace, defense, or automation, its physical construction is hardened:
* **Gold Finger interface:** Standard M.2 M-key or B+M key for electrical connectivity.
* **Thermal Sensors:** Integrated monitoring to prevent overheating.
* **Vibration Resistance:** Designed to meet MIL-STD-810G standards.
---
### 4. Part Number Decoder (M2SES-1A1-R)
| Segment | Meaning |
| :--- | :--- |
| **M2S** | M.2 SATA Series |
| **E** | Embedded/Industrial Grade |
| **S** | SLC Flash Type |
| **1A1** | Specific configuration/Capacity code |
| **R** | RoHS Compliant |
---
- ⤷
What are the specific read/write speeds for the M2SES-1A1-R?
- ⤷ How does SLC flash compare to MLC or TLC in industrial applications?
- ⤷ Is this drive compatible with standard NVMe M.2 slots?