Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2SES-1AA-R/UL

  • AI
    The **M2SES-1AA-R/UL** is a specific model within the series of high-performance industrial rotary switches (often categorized under selector switches or cam switches), typically manufactured by **Schlegel** or similar industrial control component providers. Below is a detailed breakdown of its electronic and mechanical specifications. ### 1. Technical Specifications The device is designed for panel mounting in industrial automation control circuits. | Feature | Specification | | :--- | :--- | | **Mounting Diameter** | 22.3 mm (Standard industrial size) | | **Switching Positions** | 2 positions (Maintained or Spring-return depending on sub-type) | | **Actuator Type** | Key-operated (SES denotes Key Switch series) | | **Contact Type** | Modular (Requires separate contact blocks, usually 1NO/1NC) | | **IP Rating** | IP65 (Dust-tight and protected against water jets) | | **Illumination** | Non-illuminated | | **Certification** | UL Listed, CE, VDE | --- ### 2. Electronic Component Breakdown While the actuator itself is mechanical, its integration into an electronic system involves the following parts: #### A. The Actuator (The Head) The "M2SES" prefix refers to the **key switch head**. - **Security:** Uses a physical key to ensure only authorized personnel can toggle the machine state. - **Material:** Usually a combination of stainless steel/chrome bezel and high-grade plastic for durability. #### B. Contact Blocks (The Electrical Interface) The "R/UL" designation often refers to the compatibility with specific contact blocks. These are the parts that actually conduct electricity: - **Silver Contacts:** Standard for high conductivity and oxidation resistance. - **Voltage Rating:** Typically rated up to **250V - 440V AC**. - **Current Rating:** Usually rated for **10A (Thermal Current)**. #### C. Mounting Grid / Coupling The part that connects the key head to the contact blocks. It ensures that when the key is turned, the mechanical motion is translated into the compression of the contact pins. --- ### 3. Applications This part is commonly found in: 1. **Safety Interlocks:** Ensuring a machine cannot be started without a supervisor's key. 2. **Mode Selection:** Switching between "Manual" and "Automatic" modes in a PLC-driven system. 3. **Emergency Overrides:** Allowing manual control of a system in the event of software failure. --- ### 4. Circuit Representation In a schematic, this part is represented as a switch symbol with a specific "key" notation: ```mermaid graph LR A[Power Input] --- B{Key Switch \n M2SES-1AA} B -- Key Turned --> C[Load/PLC Input] B -- Key Removed --> D[Open Circuit] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible contact block model numbers for this specific Schlegel switch?
    • ⤷ How does the 'maintained' vs 'spring-return' functionality differ in the M2SES series?
    • ⤷ Is there a version of this key switch with a higher IP rating for marine environments?