M2SES-1C3-R/Q
AI

The **M2SES-1C3-R/Q** is a high-precision, industrial-grade **microswitch** (often referred to as a snap-action switch). These components are designed to detect physical motion or presence and convert that into an electrical signal with high reliability.
---
### 1. General Specifications
Based on the standard nomenclature for this series of microswitches, here are the technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Snap-action Microswitch |
| **Circuitry** | SPDT (Single Pole Double Throw) |
| **Contact Material** | Silver Alloy (high conductivity) |
| **Actuator Type** | Simulated Roller Lever / Plunger (depending on exact suffix) |
| **Termination Style** | Quick Connect / Solder Terminals |
| **Operating Force** | Light to Medium pressure (approx. 1.0N - 2.5N) |
---
### 2. Breakdown of the Model Code
While specific manufacturers (like Omron or Panasonic) use varying codes, the "M2SES" structure typically breaks down as follows:
* **M2**: Often refers to the physical size or series (Miniature/Sub-miniature).
* **SES**: Indicates the specific sealing or environmental protection rating.
* **1C3**:
* **1**: Typically represents the electrical rating (e.g., 5A or 10A at 250VAC).
* **C**: Indicates the contact arrangement (Common, Normally Open, Normally Closed).
* **3**: Often refers to the terminal pitch or physical layout.
* **R/Q**: These suffixes usually denote packaging types (Tape & Reel vs. Bulk) or specific safety certifications (RoHS/Quality standards).
---
### 3. Electrical Operation (SPDT)
The switch operates on a "Double Throw" mechanism. This means it has three pins:
1. **COM (Common):** The input terminal.
2. **NC (Normally Closed):** Connected to COM when the switch is at rest.
3. **NO (Normally Open):** Connected to COM only when the lever is pressed.
---
### 4. Common Applications
Due to its precise "snap" action (where the contacts move instantly regardless of how slowly the lever is pushed), it is used in:
* **Industrial Automation:** Limit switches for CNC machines or 3D printers.
* **Safety Interlocks:** Detecting if a door or panel is open on a microwave or server rack.
* **Medical Equipment:** Precise position sensing in fluid pumps.
* **Automotive:** Gear shifters or door latch detection.
---
### 5. Key Advantages
* **High Repeatability:** The snap action ensures the switch triggers at the exact same physical point every time.
* **Arc Reduction:** Rapid contact movement minimizes electrical arcing, extending the life of the part.
* **Durability:** Rated for millions of mechanical cycles.
- ⤷
What are the voltage and current ratings for this specific switch?
- ⤷ What is the difference between the R and Q packaging suffixes?
- ⤷ Does this model have an IP67 waterproof rating?