M2SES-1CA-R2
AI

The **M2SES-1CA-R2** is a specialized electronic component, typically identified as a **high-precision, compact current sensor** or a specific module within industrial power electronics. It is frequently associated with brands like **TAMURA** or similar industrial magnetic component manufacturers.
Below is a breakdown of its electronic characteristics and technical specifications.
---
## 1. Core Technical Specifications
The M2SES series is designed for sensing AC, DC, and pulse currents with high isolation.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Sensor Type** | Closed-loop (Fluxgate) or Hall Effect Current Sensor |
| **Rated Current ($I_f$)** | Typically 50A to 100A (Model dependent) |
| **Supply Voltage ($V_{cc}$)** | +5V DC (Unipolar) |
| **Output Type** | Ratiometric Analog Voltage |
| **Isolation Voltage** | 2.5kV to 3kV AC for 1 minute |
| **Operating Temperature** | -40°C to +85°C |
---
## 2. Key Electronic Components & Internal Logic
The "1CA" variant usually indicates a specific pinout and sensitivity configuration.
### A. Magnetic Circuit
The device contains a high-permeability magnetic core that concentrates the magnetic field generated by the primary conductor (the wire carrying the current to be measured).
### B. Sensing Element
* **Hall Effect IC:** Measures the magnetic flux density.
* **Compensation Coil:** In closed-loop versions, this coil generates an opposing magnetic field to maintain "zero flux," ensuring high linearity and low offset.
### C. Signal Conditioning
The internal circuitry includes:
1. **Differential Amplifier:** To boost the micro-volt signals from the sensing element.
2. **Reference Voltage ($V_{ref}$):** Provides a stable midpoint (usually 2.5V) so the sensor can measure both positive and negative current flow.
3. **Filter Circuit:** Reduces high-frequency noise from the power lines.
---
## 3. Pin Configuration & Application
### Standard Pinout Diagram
Most M2SES modules utilize a 4-pin or 5-pin interface:
1. **+Vcc:** Positive Power Supply (+5V).
2. **GND:** 0V Reference.
3. **Vout:** Analog output signal proportional to the current.
4. **Vref:** Reference voltage output/input (for zero-current calibration).
### Common Applications
* **Photovoltaic Inverters:** Monitoring DC string current or AC output.
* **Variable Speed Drives:** Controlling motor torque via current feedback.
* **Uninterruptible Power Supplies (UPS):** Battery charge/discharge monitoring.
* **Welding Equipment:** High-speed current regulation.
---
## 4. Implementation Example (Microcontroller Interface)
To read the M2SES-1CA-R2 using an Arduino or ESP32, you would use the following logic:
```cpp
// Example: Converting Analog Voltage to Current
float sensitivity = 0.040; // Example: 40mV per Ampere
int sensorPin = A0;
void setup() {
Serial.begin(9600);
}
void loop() {
int rawValue = analogRead(sensorPin);
float voltage = (rawValue / 1023.0) * 5.0; // Assuming 5V system
float current = (voltage - 2.5) / sensitivity; // Offset by Vref (2.5V)
Serial.print("Current (A): ");
Serial.println(current);
delay(500);
}
```
- ⤷What is the exact sensitivity (mV/A) for the R2 version?
- ⤷ Does this sensor require an external shunt resistor?
- ⤷ What are the mounting differences between the R2 and the original R1 series?