Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2SES-2A3-R

  • AI
    The **M2SES-2A3-R** is a high-performance, industrial-grade **Solid State Relay (SSR)** manufactured by **Magnelab** (specifically within their power electronics and sensor divisions). This device is designed for precise power switching in demanding environments where traditional mechanical relays would fail due to wear or arcing. --- ### 1. Key Technical Specifications The "M2SES" series is characterized by its compact form factor and high isolation capabilities. | Parameter | Specification (Typical) | | :--- | :--- | | **Relay Type** | Solid State Relay (SSR) | | **Switching Mode** | Zero-Cross Switching (Reduces EMI) | | **Input Voltage (Control)** | 3 - 32 VDC | | **Output Voltage (Load)** | 24 - 280 VAC | | **Maximum Load Current** | 2.0 Amperes | | **Number of Channels** | 1 (Single Pole, Single Throw) | | **Termination Style** | PCB Mount / SIP (Single In-line Package) | --- ### 2. Internal Electronic Components The M2SES-2A3-R is composed of three primary electronic sections integrated into a single epoxy-sealed package: #### A. Input Section (Control Side) * **LED (Optical Isolator):** When a DC signal (3-32V) is applied, an internal infrared LED lights up. This provides **optical isolation**, ensuring that the high-voltage AC side cannot damage the low-voltage control circuit (microcontroller or PLC). * **Current Limiting Resistor:** Built-in to protect the LED from varying input voltages. #### B. Zero-Crossing Circuit * **Logic Gate:** This component ensures the relay only turns ON when the AC sine wave crosses the **0V mark**. This prevents massive current spikes (inrush current) and reduces electromagnetic interference (EMI). #### C. Output Section (Power Side) * **Triac/Thyristor:** This is the "switch." Unlike a mechanical contact, it has no moving parts. It uses semiconductor layers to conduct high-current AC. * **Snubber Network:** An internal RC (Resistor-Capacitor) circuit that protects the Triac from voltage transients (dV/dt) caused by inductive loads like motors or solenoids. --- ### 3. Benefits of the "R" Designation The **-R** suffix typically indicates **RoHS Compliance**, meaning the part is manufactured without hazardous substances like lead, mercury, or cadmium, making it suitable for modern global manufacturing standards. ### 4. Application Use Cases * **Temperature Controllers:** Rapidly cycling heaters (where a mechanical relay would click/break). * **Small Motor Control:** Operating fans or valves in HVAC systems. * **Medical Equipment:** Where silent operation and high reliability are mandatory. * **Industrial Automation:** Interfacing 5V/24V PLC outputs to 240V actuators. --- ### 5. Wiring Diagram Logic ```cpp // Basic Logic Flow Control Input (Pin 1 & 2) --> [Opto-Isolator] --> [Zero-Cross Logic] --> [Triac] --> Load (Pin 3 & 4) ```
    ✨ Follow-up Questions
    • ⤷ What are the heat dissipation requirements for the M2SES-2A3-R at full load?
    • ⤷ Can this relay be used to switch DC loads instead of AC?
    • ⤷ What is the dielectric strength (isolation voltage) between the input and output?