AI

The **M2SES-2AA-R/CE** is a safety-related electronic component, specifically a **Magnetically Actuated Safety Interlock Switch** manufactured by **IDEM Safety Switches**.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Housing Material** | 316 Stainless Steel (Mirror Polished) |
| **Switching Type** | Magnetic / Non-Contact |
| **Contact Configuration** | 2NC (Normally Closed) / 1NO (Normally Open) |
| **Voltage Rating** | 24V DC (Standard) / Up to 230V AC |
| **Switching Current** | Max 0.5A (NC) / 0.2A (NO) |
| **Sensing Distance** | 10mm (ON) / 20mm (OFF) |
| **Ingress Protection** | IP67 / IP69K (High-pressure washdown) |
| **Connection Type** | Pre-wired (usually 2M, 5M, or 10M cable) |
---
### 2. Electronic Operating Principle
The M2SES series uses **Reed Switch technology** combined with magnetic coded signals.
* **Non-Contact Operation:** Unlike mechanical switches, there is no physical plunger. The internal electronic reeds are triggered when the magnetic actuator (sold separately or as a kit) comes within the specified sensing range.
* **Redundancy (2NC):** It features dual Normally Closed contacts to ensure safety. If one contact fails, the safety relay can still detect a fault, preventing the machine from restarting (Safety Category 4 / PLe compliance).
* **Auxiliary Monitoring (1NO):** The single Normally Open contact is typically used for PLC signaling to inform the control system that the guard is open, distinct from the safety circuit.
---
### 3. Application and Environment
Because of its specific build ("R/CE" suffix and stainless steel body), this part is designed for:
1. **Hygiene-Critical Areas:** Food, beverage, and pharmaceutical processing where caustic washdowns occur.
2. **Misaligned Guards:** Since it is non-contact, it can handle a degree of physical misalignment that would break a standard mechanical key switch.
3. **Explosive/Harsh Environments:** The 316 Stainless Steel resists corrosion better than plastic or die-cast variants.
---
### 4. Wiring Diagram (Typical)
```text
Safety Circuit 1: Black / White (NC)
Safety Circuit 2: Red / Blue (NC)
Monitoring: Green / Yellow (NO)
```
*(Note: Always verify the wire colors against the specific datasheet provided with the unit, as internal standards can vary by manufacturing batch).*
---
- ⤷
What is the maximum operating temperature for the M2SES series?
- ⤷ Does this switch require a specific safety relay for PLe compliance?
- ⤷ What is the difference between the M2SES and the M2S series?