M2SES-2B3-R/UL
AI

The **M2SES-2B3-R/UL** is a specific model of an industrial selector switch, typically manufactured by companies like **Altech Corp** or similar industrial control component providers. This part is designed for panel mounting to control electrical circuits manually.
---
### 1. Technical Specifications
Below are the primary electronic and mechanical characteristics of the M2SES-2B3-R/UL:
| Feature | Specification |
| :--- | :--- |
| **Series** | M-Series (22mm Industrial) |
| **Type** | Selector Switch (Key Operated) |
| **Positions** | 3-Position |
| **Action** | Maintained (Stays in position) |
| **Contact Configuration** | Typically 2 NO (Normally Open) |
| **Mounting Diameter** | 22.5 mm |
| **Illumination** | Non-Illuminated |
| **Safety Certification** | UL Listed, CSA Certified |
---
### 2. Component Breakdown
#### A. The Operator (The Head)
The "2B3" designation refers to the physical interface. This model uses a **Key Release** mechanism.
* **Key Removability:** The "R" in the suffix often indicates specific key-pull positions (e.g., the key can only be removed in the center position or all positions, depending on the exact sub-configuration).
* **Bezel:** Usually made of polished chrome or reinforced plastic for industrial durability.
#### B. The Contact Blocks
While the operator is the part you see, the electronic switching happens in the **Contact Blocks** attached to the back.
* **Rating:** Typically rated for **10A at 600V AC**.
* **Logic:** In a 3-position switch:
* *Left Position:* Activates Contact Block A.
* *Center Position:* Both blocks Open (Off).
* *Right Position:* Activates Contact Block B.
#### C. Environmental Durability
This part is engineered for harsh environments:
* **NEMA Rating:** Often rated NEMA 4X/12 (Water-tight, Dust-tight, Corrosion resistant).
* **IP Rating:** Generally **IP65**, protecting against low-pressure water jets and total dust ingress.
---
### 3. Wiring Logic (Example)
In a standard industrial control panel, the wiring for a 3-position maintained selector switch follows this logic:
```mermaid
graph LR
Power[Line Voltage] --> Common{Selector}
Common -- Position 1 --> Load_A[Motor Speed 1]
Common -- Position 2 --> OFF[System Idle]
Common -- Position 3 --> Load_B[Motor Speed 2]
```
---
### 4. Typical Applications
* **Manual/Off/Auto Switches:** Used to override automated PLC systems.
* **Security Access:** Since it requires a key, it prevents unauthorized personnel from starting or stopping critical machinery.
* **Mode Selection:** Switching between different operating states of a CNC machine or conveyor belt.
- ⤷
What are the specific key removal positions for the 'R' suffix in this model?
- ⤷ Can additional contact blocks be stacked onto the M2SES series?
- ⤷ What is the difference between Maintained and Momentary action for this switch?