M2SES2-64-R/CE
AI

The **M2SES2-64-R/CE** is a high-performance M.2 Solid State Drive (SSD) specifically designed for industrial and embedded applications. It belongs to a category of storage solutions where reliability and durability are prioritized over raw consumer speed.
### 1. General Specifications
This part is a 64GB SSD utilizing the M.2 form factor. Below is the breakdown of its primary characteristics:
| Feature | Specification |
| :--- | :--- |
| **Capacity** | 64 GB |
| **Form Factor** | M.2 (Type 2242 or 2280 depending on specific sub-revision) |
| **Interface** | SATA III (6.0 Gbps) |
| **NAND Type** | Typically Industrial Grade MLC or specialized SLC-lite |
| **Operating Temp** | Standard (0°C to +70°C) or Extended Industrial ranges |
---
### 2. Key Electronic Components
The internal architecture of the M2SES2-64-R/CE consists of three main pillars:
#### A. Flash Controller
The "brain" of the SSD. It manages data placement, error correction (ECC), and wear leveling. In industrial units like this, the controller is tuned for **Power Fail Protection (PFP)**, ensuring that data is not corrupted during sudden power loss.
#### B. NAND Flash Memory
This is the non-volatile storage area.
* **64GB Density:** Achieved through high-density NAND dies.
* **Endurance:** Unlike consumer drives, these parts often feature higher P/E (Program/Erase) cycles to handle constant logging or OS booting in embedded environments.
#### C. Power Management Circuitry
Includes decoupling capacitors and voltage regulators that convert the 3.3V supplied by the M.2 slot into the specific voltages required by the NAND and Controller logic.
---
### 3. Advanced Features
Industrial SSDs like the M2SES2 series often include specialized electronic features:
* **S.M.A.R.T. Monitoring:** Allows the host system to monitor the "health" (remaining life) of the drive.
* **Bad Block Management:** Automatically identifies and skips over unreliable memory cells.
* **Trim Support:** Optimizes the deletion process to maintain write speeds over time.
* **Shock/Vibration Resistance:** The PCB is designed with reinforced soldering points to withstand mechanical stress in industrial machinery.
---
### 4. Part Number Decoder (Typical)
While naming conventions vary by manufacturer (often Apacer or similar industrial brands), the code usually breaks down as:
* **M2S:** M.2 SATA Interface.
* **ES2:** Evolution/Series generation.
* **64:** 64GB Capacity.
* **R/CE:** Specific regulatory certifications (CE) and RoHS compliance.
- ⤷
What is the exact physical dimensions (2242 vs 2280) for this specific model?
- ⤷ How does the 'R/CE' suffix affect the environmental ratings of the part?
- ⤷ What is the rated TBW (Total Bytes Written) for this 64GB module?