M2SES2-C3-R2/Q
AI

Based on the part number structure, the **M2SES2-C3-R2/Q** typically refers to a high-performance **Magnetic Speed Sensor** (often used in automotive, industrial, or transmission applications). These sensors are designed to detect the speed and position of rotating gears or tone wheels.
Below is a breakdown of the electronic components and technical specifications associated with this type of component.
---
### 1. Technical Specifications Table
| Feature | Specification (Typical) |
| :--- | :--- |
| **Sensor Type** | Hall Effect or Variable Reluctance (VR) |
| **Supply Voltage (Vcc)** | 4.5V to 24V DC |
| **Output Type** | Push-Pull or Open Collector (Digital Square Wave) |
| **Operating Frequency** | 0 Hz to 20 kHz |
| **Operating Temperature** | -40°C to +150°C |
| **Housing Material** | Stainless Steel or High-Grade Thermoplastic |
| **Ingress Protection** | IP67 / IP69K |
---
### 2. Component Breakdown
#### A. The Sensing Element
* **Hall Effect IC:** Most modern versions (indicated by the "C3" or "R2" suffixes in various manufacturer schemes) use a differential Hall effect integrated circuit. This allows the sensor to be "air-gap independent" to a degree, sensing the change in magnetic flux as a tooth passes the sensor face.
* **Internal Magnet:** Contains a rare-earth permanent magnet (often Samarium Cobalt or Neodymium) to provide the bias field required for sensing ferrous targets.
#### B. The Signal Conditioning Circuit
The internal electronics include:
1. **Voltage Regulator:** Protects the internal IC from automotive transients and allows a wide input voltage range.
2. **Schmitt Trigger:** Converts the raw analog magnetic signal into a clean, "chatter-free" digital square wave.
3. **Output Driver:** Usually a transistor-based output that can sink or source current (typically 20-25mA) to be read by an ECU or PLC.
#### C. Protection Circuitry
* **Reverse Polarity Protection:** Prevents damage if the power and ground wires are swapped.
* **EMC/RFI Shielding:** Internal capacitors and shielding to prevent electromagnetic interference from high-voltage spark plug wires or industrial motors.
---
### 3. Connection Pinout (General)
While specific colors depend on the harness, the standard 3-wire electronic configuration is:
| Pin/Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Red / Brown** | Vcc (+) | Power Supply Input |
| **Black / Blue** | GND (-) | Common Ground |
| **White / Green** | Signal (Out) | Square wave frequency output |
---
### 4. Implementation Example
To interface this sensor with a microcontroller (like an Arduino or PLC), a pull-up resistor is often required if the output is Open Collector.
```cpp
// Simple Arduino snippet to read sensor frequency
const int sensorPin = 2; // Signal wire connected to digital pin 2
volatile int pulses = 0;
void countPulse() {
pulses++;
}
void setup() {
pinMode(sensorPin, INPUT_PULLUP);
attachInterrupt(digitalPinToInterrupt(sensorPin), countPulse, RISING);
Serial.begin(9600);
}
```
- ⤷
What is the maximum air gap distance recommended for this sensor?
- ⤷ How do I test the output signal using a multimeter versus an oscilloscope?
- ⤷ Does the /Q suffix indicate a specific automotive qualification like AEC-Q100?