M2SP-11-R2/CE
AI

The **M2SP-11-R2/CE** is a high-performance **potentiometer transmitter** (also known as a signal conditioner) manufactured by M-System. It is designed to measure the position of a potentiometer (slidewire) and convert it into a standard industrial analog signal.
### 1. Key Technical Specifications
The following table outlines the core electronic and operational characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Model Type** | Potentiometer Transmitter (Plug-in) |
| **Input Range** | Total resistance 100 $\Omega$ to 10 k$\Omega$ |
| **Output** | 4 – 20 mA DC (into max. 750 $\Omega$ load) |
| **Power Input (R2)** | 100 – 120V AC (50/60 Hz) |
| **Accuracy** | $\pm$0.1% of span |
| **Response Time** | $\le$ 0.5 seconds (0 – 90%) |
| **Isolation** | Input to output to power (3-way isolation) |
| **Compliance** | CE Marking |
---
### 2. Functional Components
The "Electronic Parts" of this device function together to ensure precision and signal integrity:
#### A. Input Circuit (Potentiometer Interface)
The device provides a constant reference voltage to the potentiometer. As the wiper moves, the varying voltage ratio is detected. It is designed to handle a wide range of resistance (100 $\Omega$ to 10 k$\Omega$) without recalibration for specific ohmic values, focusing instead on the percentage of rotation.
#### B. Signal Conditioning & Isolation
* **Isolation Transformer:** Provides magnetic isolation between the power supply, the input sensor, and the output signal. This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges.
* **Zero/Span Adjustments:** Located on the front panel, these multi-turn potentiometers allow the user to fine-tune the 0% (Zero) and 100% (Span) points of the output signal.
#### C. Output Driver
The output stage is a constant-current circuit. Regardless of the resistance of the receiving instrument (up to 750 $\Omega$), the device ensures the current remains precisely proportional to the input position.
---
### 3. Model Code Breakdown: M2SP-11-R2/CE
The alphanumeric code describes the specific electronic configuration:
* **M2SP:** Series identifier (Mini-M Series Potentiometer Transmitter).
* **1:** Input (Potentiometer).
* **1:** Output (4 – 20 mA DC).
* **R2:** Power Input (100 – 120V AC).
* **CE:** Built to European Conformity standards (EMC and Safety).
---
### 4. Typical Application Circuit
```mermaid
graph LR
A[Potentiometer] -- Variable Voltage --> B(M2SP-11-R2)
B -- 4-20mA Signal --> C[PLC / Controller]
D[110V AC Power] --> B
```
- ⤷
How do you calibrate the Zero and Span on the M2SP-11?
- ⤷ What is the maximum load resistance supported by the 4-20mA output?
- ⤷ Can this device be used with a 24V DC power source?