M2SP-1D-R/Q
AI

The **M2SP-1D-R/Q** is a specific model within the **M2 Series** of signal conditioners/transmitters manufactured by **M-System** (now part of MG CO., LTD). This specific device is a **Potentiometer Transmitter**, designed to convert a resistance change from a potentiometer (such as a position sensor) into a standard DC output signal.
---
## 1. Technical Specifications
The alphanumeric code "M2SP-1D-R/Q" breaks down into specific hardware configurations:
| Component Code | Specification Detail | Description |
| :--- | :--- | :--- |
| **M2SP** | Series Model | Potentiometer Transmitter (Plug-in base) |
| **1** | Input Signal | Total resistance $100\ \Omega$ to $10\ \text{k}\Omega$ |
| **D** | Output Signal | $0 - 20\ \text{mA}$ DC (Current output) |
| **R** | Power Input | $24\ \text{V}$ DC |
| **Q** | Options | Special marking or specific customization (usually coating) |
---
## 2. Internal Electronic Functionality
The device operates using several key electronic stages to ensure accuracy and isolation:
### A. Input Stage (Potentiometer Interface)
The device applies a constant reference voltage across the potentiometer. As the wiper moves, the resulting voltage ratio is captured. This stage is designed to handle a three-wire potentiometer connection.
### B. Signal Conditioning & Isolation
* **Isolation:** This model features **Three-way Isolation**. The Input, Output, and Power circuits are electrically separated. This prevents ground loops and protects sensitive control equipment from surges.
* **Zero/Span Adjustment:** On the front panel, there are multi-turn potentiometers used to calibrate the $0\%$ and $100\%$ points of the output signal relative to the sensor position.
### C. Output Stage
The internal circuitry converts the processed voltage into a stable **$0-20\ \text{mA}$** current loop. Because it is an active output, it provides the driving voltage necessary for the loop (up to a specific load resistance, typically $750\ \Omega$).
---
## 3. Physical & Installation Features
* **Construction:** It uses a plug-in socket structure, allowing the electronics to be replaced without disconnecting the field wiring.
* **LED Indicator:** Typically includes a power indicator LED to signify the internal DC-DC converter is functioning.
* **Wiring:** Uses M3.5 screw terminals on the base socket.
---
## 4. Typical Applications
* **Valve Positioning:** Measuring the opening percentage of a motorized valve.
* **Tank Level:** Using a float-arm connected to a potentiometer.
* **Machine Displacement:** Tracking the linear or rotary motion of industrial machinery.
---
- ⤷
What is the maximum load resistance allowed for the 0-20mA output on this model?
- ⤷ How do I calibrate the Zero and Span settings for the M2SP-1D-R/Q?
- ⤷ What are the specific environmental ratings (like operating temperature) for the M2 series?