M2TS-1D-R2/CE
AI

The **M2TS-1D-R2/CE** is a high-precision digital contact displacement sensor (often referred to as a digital gauge or pencil probe) manufactured by **Magnescale** (formerly Sony Precision Technology).
Below is a breakdown of its electronic components, technical specifications, and interface characteristics.
---
### 1. Core Technical Specifications
The device operates on the principle of magnetic induction/detection, which provides high resistance to oil, water, and shop-floor contaminants compared to optical sensors.
| Feature | Specification |
| :--- | :--- |
| **Measuring Range** | 12 mm |
| **Resolution** | 0.1 $\mu$m (depending on the interpolator/counter) |
| **Accuracy** | 2.0 $\mu$m (peak-to-peak) |
| **Interface** | RS-232C (via specific interface units) |
| **Protection Class** | IP67 (Dust-tight and water-resistant) |
| **Measuring Force** | Approx. 1.3 N (Downward) |
---
### 2. Electronic Component Breakdown
#### A. The Magnetic Scale Technology
Unlike resistive potentiometers, the M2TS series uses a **magnetic scale** embedded within the spindle.
* **Scale Rod:** A rod with magnetic patterns is built into the moving spindle.
* **Detection Head:** A multi-gap magnetic head detects the change in magnetic flux as the spindle moves.
* **Signal Type:** It typically outputs a high-resolution analog sine/cosine wave internally, which is then digitized.
#### B. Signal Processing & Connectivity
The "R2" designation specifically refers to its integration capabilities with RS-232C communication protocols when used with Magnescale's network modules.
* **Integrated Circuitry:** The probe tail contains micro-electronics for signal conditioning to ensure low noise over the cable length.
* **Connection Port:** It usually features a mini-DIN or specialized circular connector designed to plug into a **MG series** (Main Unit) or **LZ series** display.
#### C. Power Requirements
* **Input Voltage:** Typically powered via the interface unit (approx. 5V DC).
* **Power Consumption:** Extremely low, allowing for multi-point measurement arrays without heavy power draws.
---
### 3. Usage Environment
The "CE" marking indicates compliance with European safety, health, and environmental protection standards. The electronics are shielded against:
1. **EMC (Electromagnetic Compatibility):** Minimal interference from nearby industrial motors.
2. **ESD (Electrostatic Discharge):** Protection against static buildup from moving mechanical parts.
---
### 4. System Integration Diagram
```mermaid
graph LR
A[M2TS-1D-R2 Probe] --> B[MG40 Multi-Unit Interface]
B --> C[PLC / PC via RS-232C]
B --> D[Digital Display]
```
---
- ⤷
What are the compatible interface units for the M2TS-1D-R2/CE?
- ⤷ How does the magnetic detection principle differ from LVDT sensors?
- ⤷ What is the pinout configuration for the R2 connector?