Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2TS-22-R2

  • AI
    The **M2TS-22-R2** is a specialized electronic component, typically classified as a **High-Current DC Transfer Switch** or a **Power Transfer Relay**. These devices are engineered to manage high-voltage and high-current power distribution, often found in electric vehicles (EVs), battery management systems (BMS), and industrial automation. --- ### 1. Technical Specifications Below are the typical parameters associated with high-current transfer switches of this series: | Parameter | Specification (Typical) | |:---|:---| | **Rated Voltage** | 12V - 48V DC (Standard) | | **Max Current Capacity** | Up to 100A - 200A (Model dependent) | | **Contact Arrangement** | DPDT (Double Pole Double Throw) | | **Coil Voltage** | 12V or 24V DC | | **Mounting Type** | Chassis Mount / PCB Mount | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Electronic Parts & Anatomy The M2TS-22-R2 consists of several critical internal sub-components: #### A. Electromagnetic Coil The "heart" of the switch. When energized, it creates a magnetic field that pulls the internal armature to toggle the electrical path. The **R2** designation often refers to a specific coil resistance or sensitivity rating. #### B. Contact Set (Tungsten/Silver Alloy) To handle high currents without melting or "welding" shut, the contacts are usually plated with silver-tin-oxide or tungsten. This reduces contact resistance and minimizes arcing during switching. #### C. Arc Suppressors Because DC current is prone to creating sustained "arcs" when contacts open, this part likely includes permanent magnets or specific air-gap geometries to "blow out" the arc and prevent damage to the housing. #### D. Return Spring A high-tension spring ensures that when power is removed from the coil, the switch snaps back to its default position immediately, preventing a "floating" state that could cause a short circuit. --- ### 3. Application Use Cases * **Dual Battery Systems:** Switching between a primary starter battery and an auxiliary deep-cycle battery in marine or RV setups. * **Emergency Power Cut-off:** Serving as a physical disconnect for high-draw motors or inverters. * **Redundant Power Supplies:** Automatically switching a load from a failing power source to a backup source. --- ### 4. Circuit Diagram Representation In a standard schematic, the device is represented as a relay with two sets of switchable poles: ```mermaid graph LR A[Coil Positive] --- B(Electromagnet) B --- C[Coil Negative] subgraph Switch_Mechanism D[Common 1] -- Default -- E[NC 1] D -- Energized -- F[NO 1] G[Common 2] -- Default -- H[NC 2] G -- Energized -- I[NO 2] end ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for the M2TS-22-R2?
    • ⤷ How does the 'R2' suffix specifically differentiate this model from the R1 version?
    • ⤷ What are the recommended wire gauges for the high-current terminals?