M2TS-7B-R/BN
AI

The part number **M2TS-7B-R/BN** refers to a specific configuration of a high-frequency, miniature electromechanical coaxial switch, typically manufactured by companies like **Teledyne Relays** or similar RF component specialists.
These components are used to route Radio Frequency (RF) signals between different paths with high precision and low loss.
---
### 1. Part Number Breakdown (Typical)
While internal manufacturer codes vary, the nomenclature generally follows this logic:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **M2** | Series Prefix | Indicates a miniature, high-frequency electromechanical relay. |
| **TS** | Switch Type | Usually stands for **Transfer Switch** (DPDT configuration). |
| **7** | Frequency Range | Often denotes capability up to **7 GHz** or a specific high-frequency tier. |
| **B** | Coil Voltage | Typically represents a **12V or 15V DC** coil (check datasheet for exact voltage). |
| **R** | Feature | Often indicates **Internal Terminations** (Resistors) or RoHS compliance. |
| **BN** | Mounting/Connector | Refers to the physical interface, likely **SMA Female** connectors. |
---
### 2. Technical Specifications
These parts are designed for telecommunications, test equipment, and satellite applications.
* **Switching Configuration:** Transfer (Double Pole, Double Throw - DPDT). This allows for swapping two signal paths or inserting/removing a component from a signal chain.
* **Impedance:** Standard **50 Ohms**.
* **Actuation:** Failsafe or Latching (The "B" often implies a specific coil drive requirement).
* **RF Performance:**
* **Insertion Loss:** Very low (usually < 0.3 dB).
* **Isolation:** High (usually > 60-70 dB) to prevent signal leakage between ports.
* **VSWR:** Typically below 1.3:1 at max frequency.
---
### 3. Physical Construction
* **Housing:** Metal enclosure for EMI/RFI shielding.
* **Connectors:** Gold-plated SMA connectors for durability and signal integrity.
* **Actuator:** Electromechanical solenoid that physically moves the contact leaves inside the cavity.
---
### 4. Common Applications
1. **Automated Test Equipment (ATE):** Routing signals from a Device Under Test (DUT) to various measurement instruments.
2. **Redundancy Switching:** Automatically switching to a backup signal path if the primary path fails.
3. **Signal Reversal:** Using the transfer function to reverse the phase or path of a signal in a microwave circuit.
- ⤷
What is the specific coil voltage and current draw for the M2TS series?
- ⤷ How does a Transfer Switch (DPDT) differ from an SPDT switch in RF applications?
- ⤷ What are the environmental ratings (temperature/vibration) for this part?