M2TT-25-R
AI

The **M2TT-25-R** is a specific electronic component, typically categorized as a **Miniature Toggle Switch**. These components are widely used in industrial control panels, medical equipment, and telecommunications for manual circuit switching.
Below is a detailed breakdown of its technical specifications and physical attributes.
---
### 1. Technical Specifications
The M2TT-25-R is designed for low-to-medium power applications. Its performance is defined by its contact ratings and mechanical durability.
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Toggle Switch |
| **Circuit Configuration** | DPDT (Double Pole Double Throw) |
| **Switch Function** | ON - ON |
| **Current Rating** | 6A @ 125VAC / 3A @ 250VAC / 4A @ 30VDC |
| **Contact Resistance** | 10 mΩ Max |
| **Insulation Resistance** | 1,000 MΩ Min @ 500VDC |
| **Dielectric Strength** | 1,000 VAC for 1 minute |
| **Operating Temperature** | -30°C to +85°C |
---
### 2. Key Physical Components
The internal and external construction of the switch ensures long-term reliability.
* **Actuator (The Lever):** Usually made of chrome-plated brass. It provides the physical interface for the user to flip the switch.
* **Bushings:** The threaded part used for panel mounting. Standard sizing is usually 1/4-40 UNS or M6.
* **Housing:** Typically made of Diallyl Phthalate (DAP), a high-strength plastic with excellent electrical insulation and heat resistance.
* **Terminals:** Usually silver-plated or gold-plated brass to ensure low contact resistance and prevent oxidation.
---
### 3. Circuit Diagram Representation
As a **DPDT** switch, it has 6 terminals. The internal switching logic functions as follows:
```text
Terminal Layout:
[ 1 ] [ 4 ]
[ 2 ] [ 5 ] <-- Common Pins
[ 3 ] [ 6 ]
Operation:
Position 1: Pin 2 connected to 1; Pin 5 connected to 4.
Position 2: Pin 2 connected to 3; Pin 5 connected to 6.
```
---
### 4. Applications
The M2TT-25-R is frequently found in:
1. **Audio Equipment:** To toggle between different input sources or gain stages.
2. **Industrial Controls:** Used in control boxes for manual overrides.
3. **Test & Measurement:** Used in lab equipment to switch between different measurement modes.
4. **Networking:** Manual reset or configuration switches on rack-mounted hardware.
---
- ⤷What is the difference between DPDT and SPDT toggle switches?
- ⤷ How do I choose between silver and gold-plated terminals for this switch?
- ⤷ What is the recommended panel cutout size for an M2 series toggle switch?