Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2TT-2G-R2/K

  • AI
    The **M2TT-2G-R2/K** is a specific electronic component, typically associated with high-precision RF (Radio Frequency) components or sensor interface modules. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Overview This part number usually refers to a **dual-channel** or **two-way** component (indicated by the "2G" or "2" prefix) designed for signal routing, attenuation, or sensing. In many industrial contexts, this prefix is associated with **Smartec** or similar precision instrumentation brands specializing in temperature or pressure conversion. ### 2. Technical Specifications The following table outlines the common electronic parameters for this class of component: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Channels** | 2 (Dual) | Handles two independent signal paths. | | **Mounting Type** | DIN Rail / PCB | Often used in industrial control cabinets. | | **Output Type** | Analog / Digital | Converts physical sensor data to a readable signal. | | **Operating Voltage** | 12V - 24V DC | Standard industrial power supply range. | | **Operating Temp** | -40°C to +85°C | Rated for industrial environments. | | **Housing Material** | Polycarbonate/ABS | Durable, non-conductive casing. | --- ### 3. Key Electronic Functions #### A. Signal Processing The "TT" in the part number often signifies a **Transmitter/Transducer**. The internal circuitry is designed to: * Filter electromagnetic interference (EMI). * Amplify weak sensor signals (millivolts). * Linearize non-linear inputs (such as Thermocouples or RTDs). #### B. Isolation The "R2" designation often points to high-level isolation (typically up to 2.5kV). This protects the control system (like a PLC) from high-voltage spikes on the field side. #### C. Connector Interface (The /K Suffix) The `/K` suffix usually denotes a specific connection style: * **K-Type:** Specifically designed for Chromel-Alumel thermocouple inputs. * **Spring Terminals:** Vibration-resistant wiring connectors for harsh environments. --- ### 4. Typical Applications 1. **Industrial Automation:** Interfacing sensors with PLC/SCADA systems. 2. **HVAC Systems:** High-precision temperature monitoring across two zones. 3. **Process Control:** Converting resistance or voltage into a standardized 4-20mA loop. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the M2TT-2G series?
    • ⤷ Does this model support Modbus or other digital communication protocols?
    • ⤷ What are the specific power consumption ratings for the R2 variant?