AI

The **M2TT-3A-R2/CE** is a high-precision, industrial-grade temperature transmitter, typically used for converting signals from temperature sensors (like RTDs or Thermocouples) into a standardized analog output. It is part of the M2 Series manufactured by **M-System** (now MG CO., LTD).
---
### 1. Key Technical Specifications
The following table highlights the primary electronic characteristics of the unit:
| Feature | Specification |
|:---|:---|
| **Model Type** | Mini-M Series Temperature Transmitter |
| **Input Signal** | RTD (typically Pt100) |
| **Output Signal** | 4 – 20 mA DC (Current Loop) |
| **Power Supply** | 24V DC |
| **Accuracy** | ±0.1% of span |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Isolation** | 3-way isolation (input to output to power) |
| **Construction** | Plug-in style (socket base) |
---
### 2. Internal Electronic Components & Design
The M2TT-3A-R2/CE utilizes several critical electronic stages to process signals:
#### A. Input Conditioning Circuit
* **Excitation Current:** For RTD inputs, the unit provides a constant current to the sensor to measure resistance changes.
* **Burnout Protection:** It includes electronics to detect an open circuit in the sensor. If a wire breaks, the output is driven to a specific "upscale" or "downscale" safety limit.
#### B. Isolation Stage
* **Galvanic Isolation:** Uses optical or magnetic coupling to separate the input, output, and power supply. This prevents "ground loops" and protects delicate PLC/DCS equipment from high-voltage surges on the field side.
#### C. Signal Conversion (Amplification)
* **Linearization:** Since RTD resistance is not perfectly linear with temperature, the internal circuitry applies a linearization algorithm to ensure the 4-20mA output is proportional to the temperature, not just the resistance.
* **Zero/Span Adjustments:** Accessible potentiometers on the front panel allow for fine-tuning of the electronic calibration.
---
### 3. Connection Diagram Overview
| Terminal No. | Function | Description |
|:---:|:---|:---|
| **1 - 3** | Input | Sensor connections (A, B, B' for 3-wire RTD) |
| **4 - 5** | Output | 4 – 20 mA DC signal to Controller/Recorder |
| **7 - 8** | Power | 24V DC Power Input |
---
### 4. Certifications (CE Mark)
The **"CE"** suffix in the model name indicates that the electronics comply with European Union standards for:
* **Electromagnetic Compatibility (EMC):** The device does not emit excessive interference and is resistant to external electronic noise.
* **Low Voltage Directive:** Ensures the internal power handling is safe for industrial environments.
- ⤷
What is the difference between the M2TT and the M2RT models?
- ⤷ How do I calibrate the zero and span on this specific transmitter?
- ⤷ Can this unit be used with a 2-wire RTD configuration?