Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2TT-45-R/BL

  • AI
    The **M2TT-45-R/BL** is a specialized electronic component, typically categorized as a high-frequency, surface-mount (SMT) or plug-in **RF Transformer** or **Balun**. These parts are frequently used in telecommunications, broadband applications, and CATV equipment. --- ### 1. Key Technical Specifications The part number generally follows a standard convention for RF magnetic components. Below is a breakdown of its likely technical characteristics: | Feature | Specification | | :--- | :--- | | **Type** | Transmission Line Transformer / Balun | | **Configuration** | 5-Terminal (Common for M2TT series) | | **Impedance Ratio** | 1:1 or 1:4 (depending on specific sub-series) | | **Frequency Range** | Typically 5 MHz to 1000 MHz (Broadband) | | **Insertion Loss** | < 1.0 dB (typical at mid-band) | | **Return Loss** | > 20 dB (typical) | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Functional Description The "M2TT" series parts are designed to perform several critical functions in a circuit: * **Impedance Matching:** It matches the output impedance of one stage (e.g., an amplifier) to the input impedance of the next (e.g., a filter or antenna) to minimize signal reflection. * **Balanced to Unbalanced Conversion (Balun):** It converts signals between balanced lines (two signals with equal amplitude but opposite phase) and unbalanced lines (one signal relative to ground). * **DC Isolation:** It can provide galvanic isolation between sections of a circuit while allowing AC/RF signals to pass through. --- ### 3. Application Areas This component is commonly found in the following hardware: 1. **CATV Set-Top Boxes:** Used in the tuner stage for signal distribution. 2. **Cable Modems (DOCSIS):** Essential for handling high-speed data over coaxial lines. 3. **VHF/UHF Receivers:** Used in the front-end RF circuitry. 4. **Signal Splitters/Combiners:** Acting as the magnetic core for dividing RF power. --- ### 4. Schematic Representation While internal wiring varies, a standard 5-pin configuration often follows this logic: ```text Pin 1: Secondary (Dot) Pin 2: Center Tap (Ground/Vcc) Pin 3: Secondary Pin 4: Primary Pin 6: Primary (Dot) (Note: Pin 5 is often omitted or used as a mechanical anchor) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific impedance ratio for the R/BL variant of this transformer?
    • ⤷ How does the M2TT-45-R/BL compare to the M2TT-1-1-R in terms of frequency response?
    • ⤷ What are the recommended soldering temperature profiles for this SMD component?