AI

The **M2TT-45-R2/CE** is a high-precision, industrial-grade **Thermo-Transmitter (Temperature Transmitter)** typically used in automation and process control systems. It is designed to convert signals from temperature sensors (like Thermocouples or RTDs) into a stable, linearized analog output.
---
### 1. Core Technical Specifications
The "R2" designation often refers to the output signal type, while "CE" denotes compliance with European safety and environmental standards.
| Feature | Description |
| :--- | :--- |
| **Input Type** | Thermocouple (typically Type K, J, T, etc.) or RTD (Pt100) |
| **Output Signal** | 4–20 mA DC (Current Loop) |
| **Power Supply** | 24V DC (Standard Loop Powered) |
| **Accuracy** | ±0.1% to ±0.2% of Full Scale |
| **Response Time** | < 500ms |
| **Mounting** | DIN Rail Mount (Standard 35mm) |
---
### 2. Key Electronic Components & Functions
Internally, the M2TT-45-R2/CE consists of several critical electronic stages:
1. **Signal Conditioning Input:**
Uses a high-impedance amplifier to pick up millivolt signals from thermocouples without loading the sensor.
2. **Cold Junction Compensation (CJC):**
For thermocouple models, an internal thermistor measures the temperature at the connection terminals to compensate for the ambient temperature, ensuring the reading is accurate relative to the "hot junction."
3. **Linearization Circuit:**
Since temperature sensor outputs are non-linear, the internal electronics use a curve-fitting algorithm (via an MCU or analog shaping) to ensure the 4-20mA output is perfectly proportional to the temperature.
4. **Galvanic Isolation:**
The "M2" series usually features 2-way or 3-way isolation between input, output, and power. This prevents ground loops and protects the PLC/Controller from high-voltage surges on the sensor side.
5. **Output Driver:**
A precision current source that maintains the 4-20mA loop even if the load resistance changes (within specified limits).
---
### 3. Wiring Configuration
The device usually follows a standard industrial pinout for DIN-rail transmitters:
```mermaid
graph LR
A[Sensor Input] --> B(M2TT-45-R2/CE)
B --> C[4-20mA Output to PLC]
D[24V DC Power] --> B
```
* **Terminals 1 & 2:** Sensor Input (+ / -)
* **Terminals 4 & 5:** Output Current Loop
* **Terminals 7 & 8:** Power Supply (if not loop-powered)
---
### 4. Applications
* **HVAC Systems:** Monitoring duct temperatures.
* **Manufacturing:** Heat treatment furnaces and plastic injection molding.
* **Data Acquisition:** Converting raw sensor data into a format readable by long-distance PLC cables without signal degradation.
---
- ⤷
What is the specific temperature range supported by the M2TT-45-R2/CE?
- ⤷ How do I calibrate the zero and span settings on this unit?
- ⤷ What is the maximum load resistance for the 4-20mA output loop?