M2TT-4G-R2/BL
AI

The **M2TT-4G-R2/BL** is a specialized cellular M.2 module, typically based on the Quectel EG25-G series or similar LTE Cat 4 architecture, designed for industrial IoT and M2M communication.
Below is a detailed breakdown of its electronic components and technical specifications.
---
### 1. Key Technical Specifications
The module provides high-speed data connectivity over LTE, with fallback options for 3G and 2G networks.
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | M.2 Key-B (30.0 × 42.0 × 2.3mm) |
| **Network Type** | LTE Cat 4 |
| **Max DL Speed** | 150 Mbps |
| **Max UL Speed** | 50 Mbps |
| **Voltage Range** | 3.3V to 4.3V (3.8V Typical) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 2. Internal Electronic Architecture
The hardware design follows a standard M.2 cellular architecture, consisting of the following internal blocks:
* **Baseband Processor:** The core engine that handles the cellular protocol stack, signal processing, and data routing.
* **Transceiver (RF IC):** Manages the conversion between digital baseband signals and high-frequency radio waves.
* **Power Management Integrated Circuit (PMIC):** Regulates the input voltage (3.3V) to various internal voltages required for the logic and RF stages.
* **Flash Memory/RAM:** Stores the firmware, carrier-specific configurations, and operational data.
---
### 3. Interface and Pinout (M.2 Key-B)
The electronic connection to the host board is facilitated through a 75-pin M.2 connector. Key interfaces include:
1. **USB Interface:** Usually USB 2.0 High Speed, used for data transfer and AT command communication.
2. **SIM Interface:** Supports Dual SIM Single Standby (DSSS) or a single 1.8V/3.0V USIM.
3. **UART:** Used for debugging or sending low-speed control commands.
4. **PCM/I2S:** Dedicated digital audio interfaces for Voice over LTE (VoLTE).
5. **Antenna Terminals:**
* **Main:** For LTE/3G transmission and reception.
* **Diversity:** For improved LTE signal reception (MIMO).
* **GNSS:** For GPS/GLONASS/BeiDou positioning (if supported by the specific sub-model).
---
### 4. RF Characteristics
The "4G" designation indicates LTE support, while the "R2" usually refers to a specific revision or region-locked frequency band set. It typically supports:
* **FDD-LTE:** B1/B2/B3/B4/B5/B7/B8/B12/B13/B18/B19/B20/B25/B26/B28.
* **TDD-LTE:** B38/B39/B40/B41.
* **WCDMA (3G):** B1/B2/B4/B5/B6/B8/B19.
---
### 5. Mechanical and Thermal Design
* **Thermal Pad:** The bottom of the PCB usually features a large ground plane to act as a heat sink.
* **Shielding Can:** The electronic components are enclosed in a metal shield to prevent Electromagnetic Interference (EMI) and provide structural rigidity.
---
- ⤷What are the specific power consumption requirements for this module in sleep vs active mode?
- ⤷ Which drivers are required to interface this module with a Linux-based OS?
- ⤷ Does this specific revision (R2) support integrated GNSS/GPS?