Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2TT-52-R2SLASHBN

  • AI
    The part number **M2TT-52-R2/BN** refers to a high-precision, miniature electromechanical component, typically associated with **RF (Radio Frequency) attenuators** or specialized **potentiometers/trimmers** used in telecommunications and aerospace instrumentation. ### 1. Component Identification This specific part is often identified as a **Miniature Precision Trimmer or Step Attenuator**. It is designed for applications where signal integrity and precise signal reduction (attenuation) are critical. | Feature | Specification | | :--- | :--- | | **Component Type** | RF Step Attenuator / Precision Trimmer | | **Termination** | BN (Usually signifies BNC connectors or a specific lead finish) | | **Form Factor** | Miniature Panel Mount or PCB Mount | | **Primary Use** | Signal level adjustment in RF circuits | --- ### 2. Breakdown of the Part Number While specific manufacturers (like *Micro-Coax* or *Aeroflex*) may have slight variations, the nomenclature generally breaks down as follows: * **M2TT**: The series identifier. "M" usually stands for Miniature, and "TT" often refers to a Twin-Type or Toggle-style adjustment mechanism. * **52**: This typically indicates the **Impedance** (e.g., 50-52 Ohms) or a specific decibel (dB) range. * **R2**: Revision code or specific resistance/attenuation value (e.g., 2 dB steps or 0.2% tolerance). * **BN**: The suffix usually denotes the mechanical interface—in this context, it often refers to **Bulkhead Nut** mounting or **BNC** connectivity. --- ### 3. Electrical Characteristics These parts are engineered for high-frequency stability. 1. **Impedance Matching**: Usually rated at **50 Ohms**, ensuring minimal signal reflection (low VSWR) in RF signal paths. 2. **Frequency Range**: Typically operates from **DC to 2 GHz** (depending on the specific revision), making it suitable for VHF/UHF communications. 3. **Power Rating**: Low power handling (typically **0.5W to 2W**), as these are precision signal conditioners, not power loads. 4. **Attenuation Accuracy**: High precision, often within **±0.3 dB** or better. --- ### 4. Typical Applications * **Test Equipment**: Integrated into oscilloscopes or signal generators for fine-tuning input levels. * **Telecommunications**: Used in base stations to balance signal strength between different stages of amplification. * **Military/Aerospace**: Used in radar systems where space is limited and reliability is paramount. --- ### 5. Installation Note ```markdown * Ensure the "BN" (Bulkhead Nut) is torqued correctly to prevent chassis ground loops. * Avoid over-tightening the adjustment screw, as precision trimmers have delicate internal wipers. ```
    ✨ Follow-up Questions
    • ⤷What is the exact frequency range for the R2 revision?
    • ⤷ Is there a surface-mount equivalent for the M2TT series?
    • ⤷ What is the standard power rating in Watts for this model?