Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2TT-55-R2/CE

  • AI
    The **M2TT-55-R2/CE** is a specialized precision mechanical component, typically classified as a **Precision Twin-Guide Cylinder** or a **Slide Table**, often manufactured by companies like AirTAC or specialized automation hardware suppliers. While it is primarily a pneumatic/mechanical actuator, its "electronic parts" refer to the sensing and control integration required to make it functional within an automated system. --- ## 1. Electronic Integration Components The following electronic parts are used to monitor and control the M2TT-55-R2/CE: | Component Category | Specific Part Type | Function | |:---|:---|:---| | **Position Sensors** | Magnetic Reed Switches / Solid State Auto-switches | Detects if the cylinder is retracted or extended. | | **Control Interface** | Solenoid Valve (e.g., 5/2 or 5/3 way) | Converts electrical signals from a PLC into pneumatic movement. | | **Wiring** | M8 or M12 Circular Connectors | Provides standardized electrical connection to the sensors. | | **Logic Control** | PLC (Programmable Logic Controller) | Sends 24V DC signals to actuate the movement based on sensor feedback. | --- ## 2. Sensor Specifications (The "Electronic Eyes") The "M2" series usually features integrated slots for **Auto Switches**. These are the primary electronic components mounted directly on the body: ### A. Magnetic Reed Switches - **Operation:** Uses a mechanical contact that closes in the presence of a magnet inside the cylinder piston. - **Voltage:** Typically supports both AC and DC (5V to 240V). - **Pros:** Simple, passive, and inexpensive. ### B. Solid State (NPN/PNP) Sensors - **Operation:** Uses Hall Effect technology with no moving parts. - **Voltage:** Strictly 10-28V DC. - **Pros:** Much longer lifespan, vibration resistant, and faster switching speeds. --- ## 3. Control Circuit Diagram (Conceptual) The following represents the typical electronic flow for this part: ```mermaid graph LR A[PLC Output] --> B[Solenoid Valve Coil] B --> C{Pneumatic Pressure} C --> D[M2TT Cylinder Movement] D --> E[Auto Switch/Sensor] E --> F[PLC Input] ``` --- ## 4. Technical Summary of the R2/CE Suffix * **R2:** Usually denotes a specific stroke adjustment or a specific type of shock absorber/buffer integrated into the unit to prevent mechanical bounce, which protects the electronic sensors from vibration. * **CE:** Indicates compliance with European Safety Standards, ensuring the electronic components (sensors/valves) meet specific EMI/RFI interference and safety requirements.
    ✨ Follow-up Questions
    • ⤷What are the compatible magnetic switch models for this cylinder?
    • ⤷ How do I wire a PNP sensor to a PLC for this unit?
    • ⤷ What is the maximum operating frequency for the R2 version?