M2TT-70-R2/CE
AI

The **M2TT-70-R2/CE** is a high-precision, industrial-grade **Thermoelectric Cooling (TEC) Assembly** (also known as a Peltier cooler). It is designed for thermal management in electronics, medical devices, and laboratory equipment.
---
## 1. Technical Specifications
The core electronic and thermal characteristics of the M2TT-70-R2/CE are summarized in the table below:
| Parameter | Specification |
| :--- | :--- |
| **Cooling Power ($Q_{max}$)** | ~70 Watts |
| **Nominal Voltage** | 24 VDC |
| **Max Current ($I_{max}$)** | ~4.0 - 5.0 Amperes |
| **Operating Temp Range** | -10°C to +60°C |
| **Fan Type** | Ball bearing, High reliability |
| **Control Method** | PWM or On/Off |
| **Compliance** | CE Certified |
---
## 2. Key Electronic Components
### A. Thermoelectric Modules (TEM)
The heart of the unit consists of Peltier semiconductor pellets. When a DC current flows through these semiconductors, it creates a temperature differential ($\Delta T$), pumping heat from the "cold" side plate to the "hot" side heat sink.
### B. DC Fans (Heat Dissipation)
To prevent the unit from overheating, it utilizes high-efficiency DC fans.
* **Role:** Forced convection to exhaust heat from the hot-side fins.
* **Protection:** Usually includes polarity protection and locked-rotor protection.
### C. Temperature Sensors (Internal)
Most versions of this assembly include an integrated **NTC Thermistor** or **RTD**.
* **Function:** Provides feedback to an external controller to maintain a precise set-point.
* **Safety:** Acts as a thermal cutout if the hot side exceeds safe limits.
### D. Wiring and Connectivity
The unit typically features a multi-wire harness:
1. **Red/Black (Thick):** Main power to the Peltier modules.
2. **Red/Black (Thin):** Power to the cooling fans.
3. **Yellow/White (Optional):** Sensor leads for temperature monitoring.
---
## 3. Implementation and Control
Because Peltier devices are sensitive to voltage ripples, the electronic integration should follow these guidelines:
* **Power Supply:** Use a regulated DC power supply. High ripple currents (>10%) can reduce the efficiency and lifespan of the TEM.
* **Control Logic:** It is recommended to use a **H-Bridge PWM Controller**. This allows the unit to switch between cooling and heating modes by reversing the current polarity.
---
## 4. Typical Applications
* **Medical Diagnostics:** Cooling reagents or laser diodes.
* **Industrial Electronics:** Cooling sensors in high-ambient environments.
* **Food & Beverage:** Precise temperature cabinets.
- ⤷
What is the maximum temperature differential (Delta T) this unit can achieve?
- ⤷ Does this model require a specific type of PID controller for optimal efficiency?
- ⤷ What are the mounting requirements to ensure proper heat transfer on the cold side?