M2TT-74-R/BL
AI

The **M2TT-74-R/BL** is a specific type of miniature toggle switch manufactured by **NKK Switches**. It belongs to the **M series**, which is known for its high reliability and diverse mounting options.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Manufacturer** | NKK Switches |
| **Series** | M Series (Miniature Toggles) |
| **Circuit Configuration** | DPDT (Double Pole Double Throw) |
| **Switch Function** | ON-OFF-ON (Three-position) |
| **Mounting Type** | Through-hole, Right Angle (Horizontal Mount) |
---
### 2. Electrical Characteristics
This part is designed for low-to-medium power signal switching.
* **Contact Rating:**
* 6A @ 125V AC
* 3A @ 250V AC
* 4A @ 30V DC
* **Contact Resistance:** 10 milliohms maximum.
* **Insulation Resistance:** 1,000 Megohms minimum @ 500V DC.
* **Dielectric Strength:** 1,000V AC minimum between contacts for at least one minute.
* **Electrical Life:** 25,000 operations minimum (at full load).
---
### 3. Physical & Mechanical Attributes
The "R/BL" suffix typically denotes specific hardware or aesthetic features, such as the actuator color or bracket style.
* **Actuator Type:** Standard Bat Toggle.
* **Terminal Style:** PC Terminals (Printed Circuit).
* **Orientation:** The "74" in the part number indicates a **Right Angle** orientation with a bracket, allowing the switch to be mounted flat on a PCB while the toggle protrudes from the side of the enclosure.
* **Operating Temperature:** -30°C to +85°C (-22°F to +185°F).
---
### 4. Part Number Breakdown
To understand the specific electronics of this component, we can deconstruct the code:
| Segment | Meaning |
| :--- | :--- |
| **M2** | Miniature Toggles (Series) |
| **T** | Toggle Actuator |
| **T** | Threaded or Plain Bushing (usually standard) |
| **74** | DPDT Circuit / Right Angle PC Mount / 3-Position (ON-OFF-ON) |
| **R** | Right Angle variant |
| **BL** | Blue Cap/Actuator or specific plating (color coding) |
---
### 5. Application Usage
Because of its **DPDT ON-OFF-ON** configuration, this switch is commonly used for:
* **Polarity Reversal:** Controlling the direction of small DC motors.
* **Mode Selection:** Switching between two different input sources with a center "Neutral/Off" position.
* **Audio Equipment:** Routing signals between different processing paths.
---
- ⤷
What is the difference between DPDT and SPDT in the M2 series?
- ⤷ Can this switch be used for high-current industrial applications?
- ⤷ Are there waterproof versions of the M2TT series available?