M2TT-76-R2/BN
AI

The **M2TT-76-R2/BN** is a specific variant of a sub-miniature toggle switch, often associated with high-reliability industrial and electronics applications. Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. General Specifications
This component belongs to a class of professional-grade switches designed for PCB mounting or panel integration where space is limited.
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Toggle Switch |
| **Circuit Configuration** | DPDT (Double Pole Double Throw) |
| **Switch Function** | ON-ON (2-position) |
| **Mounting Type** | Through-hole (PCB) or Panel Mount |
| **Actuator Style** | Standard Bat Lever |
---
### 2. Electrical Characteristics
These parameters define the limits of the switch to ensure safety and longevity in a circuit.
* **Current/Voltage Rating:** Typically rated for **6A @ 125VAC** or **3A @ 250VAC**. Low voltage DC ratings are usually around **4A @ 30VDC**.
* **Contact Resistance:** Generally less than **10mΩ** to ensure minimal signal loss.
* **Insulation Resistance:** Minimum of **1,000MΩ** at 500VDC.
* **Dielectric Strength:** Capable of withstanding **1,000VAC** for 1 minute between terminals.
---
### 3. Material and Build (The "BN" Suffix)
The suffix in these part numbers often refers to the finish or specific hardware included:
* **Contacts:** Usually silver-plated or gold-over-silver. Silver is used for power, while gold is preferred for "dry" (low current) circuits to prevent oxidation.
* **Housing:** High-temperature Diallyl Phthalate (DAP) or reinforced Nylon, meeting UL94V-0 flammability standards.
* **Bushing (BN):** The "BN" often denotes a **threaded bushing** with a specific nut and washer hardware set, typically nickel-plated.
---
### 4. Terminal Layout (DPDT)
The Double Pole Double Throw (DPDT) configuration means the switch controls two independent circuits simultaneously.
```text
Terminals:
[1] [4] <-- Circuit A / Circuit B
[2] [5] <-- Common A / Common B
[3] [6] <-- Circuit A / Circuit B
```
---
### 5. Application Areas
* **Telecommunications:** Signal routing and power toggling.
* **Instrumentation:** Mode selection in testing equipment.
* **Medical Equipment:** Reliable user-interface controls.
* **Audio/Visual:** Input/Output switching.
- ⤷
What is the difference between silver and gold contact plating for this switch?
- ⤷ Can this switch be used for momentary action or is it strictly latching?
- ⤷ What are the physical dimensions and hole cutout size for the BN bushing?