M2TT-80-R2/BL
AI

The **M2TT-80-R2/BL** is a specialized electronic component, typically categorized as a **high-current terminal block** or a **power distribution module**, often used in industrial automation, control panels, and electrical distribution systems.
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. General Specifications
The device is designed for secure electrical connections in environments requiring high reliability and heat resistance.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Terminal Block / Connector |
| **Material (Housing)** | Polyamide (PA66) or specialized thermoplastic |
| **Color Code** | BL (Blue) - often signifies Neutral in wiring standards |
| **Mounting Type** | DIN Rail Mounting (TS 35) |
| **Current Rating** | Typically up to 80A (depending on thermal conditions) |
---
### 2. Electronic & Mechanical Parts
The assembly of the M2TT-80-R2/BL consists of several critical internal parts:
#### A. Conductive Core (Busbar)
* **Material:** Usually Electrolytic Copper or Brass with Tin/Nickel plating.
* **Function:** Ensures low contact resistance and high conductivity to prevent voltage drops and overheating.
#### B. Clamping Mechanism
* **Type:** Screw-clamp or Spring-cage.
* **Screw Material:** Steel, galvanized and chromated to prevent corrosion.
* **Purpose:** Provides a gas-tight connection to the wire to prevent oxidation over time.
#### C. Insulation Housing
* **Flammability Rating:** UL 94 V-0 (Self-extinguishing).
* **Dielectric Strength:** High resistance to electrical breakdown between adjacent terminals.
---
### 3. Connection Data
| Parameter | Value (Typical) |
| :--- | :--- |
| **Rated Voltage** | 600V - 1000V AC/DC |
| **Wire Size (Solid)** | 6 AWG - 18 AWG (Approx. 1.5mm² to 16mm²) |
| **Stripping Length** | 10mm to 12mm |
| **Tightening Torque** | 1.2 Nm to 2.0 Nm |
---
### 4. Application Areas
* **PLC Panels:** Used to distribute power to controllers and I/O modules.
* **Motor Control Centers (MCC):** Handling higher current loads for industrial motors.
* **Renewable Energy:** Used in solar combiner boxes for neutral or ground distribution.
---
- ⤷
What is the maximum operating temperature for the M2TT-80-R2/BL?
- ⤷ Does this model support bridging or jumper bars for commoning connections?
- ⤷ What is the difference between the 'BL' version and the standard 'GR' or 'GY' versions?