M2TT-80-R2/CE
AI

The **M2TT-80-R2/CE** is a high-precision, electromagnetic safety interlock switch typically manufactured by companies like **IDEM Safety Switches**. It is designed to provide robust security for machine guards, ensuring that doors or gates remain locked until hazardous processes have stopped.
---
## 1. Core Technical Specifications
The electronic and physical characteristics of this device are categorized below:
| Feature | Specification Details |
| :--- | :--- |
| **Supply Voltage** | 24V DC (+/- 10%) |
| **Solenoid Voltage** | 24V DC |
| **Safety Contacts** | 2NC (Normally Closed) - Force Guided |
| **Auxiliary Contacts** | 1NO (Normally Open) for Status Signaling |
| **Holding Force** | Up to 2000N (F1max) |
| **Material** | Mirror Polished Die-Cast Metal (316 Stainless Steel options available) |
| **Ingress Protection** | IP67 (Dust-tight and waterproof) |
---
## 2. Key Electronic Components & Functions
### A. Solenoid Control (Power-to-Unlock)
The "R2" designation often refers to the internal wiring configuration or the specific solenoid type.
* **Mechanism:** This model typically operates on a **Spring Lock / Solenoid Release** principle.
* **Electronic Logic:** The guard is locked by a mechanical spring. To unlock the guard, the electronic control system must energize the internal 24V DC solenoid. This ensures that if power is lost, the guard remains locked (fail-safe).
### B. Dual Channel Safety Monitoring
The device utilizes two independent Normally Closed (NC) circuits.
* **Redundancy:** By using two channels, the system can detect "short circuits" or "cross-faults" when connected to a Safety Relay or PLC.
* **Force-Guided Contacts:** These are mechanically linked so that if one contact welds, the other cannot change state, preventing a false "safe" signal.
### C. Built-in LED Diagnostics
The electronic housing includes LED indicators to provide immediate visual feedback:
1. **Green:** Solenoid energized (Guard Unlocked).
2. **Red/Off:** Guard locked or Safety circuit open.
---
## 3. Connection Diagram (General Layout)
The internal wiring is usually accessed via an M20 conduit entry or a pre-installed M12 connector.
```cpp
// Representative Internal Logic Mapping
// Pin/Terminals | Function
// -----------------------------------
// 11/12 | Safety Circuit 1 (NC)
// 21/22 | Safety Circuit 2 (NC)
// 33/34 | Auxiliary Signal (NO)
// A1 / A2 | Solenoid Power (24V DC)
```
---
## 4. Compliance and Safety Standards
The "CE" marking indicates compliance with European safety directives.
* **ISO 13849-1:** Suitable for use in PLe (Performance Level e) systems.
* **IEC 60947-5-1:** Standard for low-voltage switchgear and controlgear.
* **EN 1088 / ISO 14119:** Specifically regarding interlocking devices associated with guards.
- ⤷
What is the difference between Power-to-Lock and Power-to-Unlock versions?
- ⤷ How do I wire this device to a dual-channel safety relay?
- ⤷ What are the recommended maintenance steps for the solenoid mechanism?