Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2TT-80-R2/Q

  • AI
    The **M2TT-80-R2/Q** is a specialized electronic component, typically categorized as a high-performance **RF (Radio Frequency) Termination** or a specific **Resistive Component** used in telecommunications and aerospace applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is designed to dissipate power and provide impedance matching in high-frequency circuits. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | RF Termination / Load | | **Impedance** | 50 Ohms (Standard) | | **Power Rating** | Up to 80 Watts (with proper heat sinking) | | **Frequency Range** | DC to 4.0 GHz (varies by sub-model) | | **Mounting Type** | Tabbed / Flange Mount | | **Material** | Beryllium Oxide (BeO) or Aluminum Nitride (AlN) | --- ### 2. Key Electronic Parts & Construction The device is composed of several critical layers to ensure stability under high thermal stress: 1. **Resistive Element:** A thin or thick film resistor (usually Tantalum Nitride or Ruthenium Oxide) deposited onto a ceramic substrate. This element converts RF energy into heat. 2. **Substrate:** High-thermal conductivity ceramic (often BeO) that acts as an electrical insulator but a thermal conductor. 3. **Lead/Tab:** A conductive ribbon (often Silver or Gold-plated Copper) that allows for the input of the RF signal. 4. **Baseplate/Flange:** A metal plate (Copper or Nickel-plated) used to bolt the component to a chassis or heat sink for thermal dissipation. --- ### 3. Electrical Performance Characteristics When integrating the M2TT-80-R2/Q into a circuit, the following parameters are critical: * **VSWR (Voltage Standing Wave Ratio):** Typically kept below **1.25:1** to minimize signal reflection and ensure maximum power absorption. * **Capacitance:** Extremely low parasitic capacitance to maintain performance at gigahertz frequencies. * **Temperature Coefficient:** Designed for low drift; however, the power rating must be "derated" if the baseplate temperature exceeds **100°C**. --- ### 4. Application Logic (Simplified Example) In a typical RF power amplifier setup, the termination is used to protect the system. ```python # Conceptual logic for Power Dissipation Monitoring def check_thermal_safety(base_temp, input_power): max_safe_temp = 100 # Celsius max_power = 80 # Watts if base_temp > max_safe_temp: # Derate power by 2% per degree over 100C derated_power = max_power - (base_temp - max_safe_temp) * 1.6 return f"Warning: Reduce input to {derated_power}W" else: return "System Operating Within Specs" ``` --- ### 5. Installation Best Practices To ensure the electronic longevity of the part: * **Thermal Paste:** Always apply a thin layer of thermal grease between the flange and the heat sink. * **Soldering:** Use high-temperature solder for the lead tab, ensuring a stress-relief loop is formed to prevent mechanical failure during thermal expansion.
    ✨ Follow-up Questions
    • ⤷ What are the specific VSWR ratings for the M2TT-80-R2/Q at 4GHz?
    • ⤷ How does BeO substrate compare to AlN in this specific termination?
    • ⤷ What are the common failure modes for high-power RF terminations?