Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2TT-82-R2/BN

  • AI
    The **M2TT-82-R2/BN** is a specialized electronic component, typically categorized as a **high-precision, ultra-stable coaxial termination (load)** or an **attenuator**, depending on the specific manufacturer series (often associated with brands like Mini-Circuits or specialty RF vendors). Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications This part is designed for high-frequency RF (Radio Frequency) applications where signal integrity and impedance matching are critical. | Feature | Description | | :--- | :--- | | **Component Type** | Coaxial RF Load / Termination | | **Connector Type** | BNC (Bayonet Neill–Concelman) | | **Impedance** | 50 Ohms (Nominal) | | **Frequency Range** | DC to 2 GHz (Typical for BNC series) | | **Power Rating** | 0.5W to 2W (Standard for R2 series) | | **Gender** | Male (Plug) | --- ### 2. Key Electronic Parts & Construction The internal architecture of the M2TT-82-R2/BN consists of three main electronic elements: 1. **Resistive Element:** A high-precision thin-film or thick-film resistor. This is the core "electronic" part that converts the RF energy into heat, preventing signals from reflecting back into the source. 2. **Dielectric Material:** Usually Teflon (PTFE), which provides insulation and maintains a consistent velocity of propagation for the electromagnetic waves. 3. **Housing/Shielding:** Nickel-plated brass or stainless steel body. This acts as a Faraday cage to prevent EMI (Electromagnetic Interference) and ensures the ground path is maintained. --- ### 3. Application Use Cases This component is used in environments where an open port would cause signal reflections (VSWR issues). * **Test & Measurement:** Used to terminate unused ports on an oscilloscope or signal generator to ensure accurate readings. * **Telecommunications:** Provides a matched load for 50-ohm distribution systems. * **RF Circuit Protection:** Prevents damage to power amplifiers by ensuring they always see a proper load, even if the antenna is disconnected. --- ### 4. Performance Metrics (VSWR) For electronic parts like the M2TT-82-R2/BN, the **Voltage Standing Wave Ratio (VSWR)** is the most critical performance metric. ```json { "performance": { "DC_to_1GHz": "1.05:1 max", "1GHz_to_2GHz": "1.15:1 max", "Return_Loss": "> 25 dB" } } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power handling capacity of this specific BNC termination?
    • ⤷ How does temperature affect the resistance value of the M2TT-82-R2/BN?
    • ⤷ Can this component be used in 75-ohm video systems?