Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2TT-85-R2/Q

  • AI
    The **M2TT-85-R2/Q** is a specialized high-performance RF (Radio Frequency) component, specifically a **Double-Balanced Mixer**. These components are critical in communication systems for frequency translation (up-conversion or down-conversion). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications The "Q" suffix typically denotes an automotive grade or a high-reliability qualification (AEC-Q100 or similar), indicating enhanced testing for durability. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Passive Double-Balanced Mixer | | **Frequency Range (RF/LO)** | 5 MHz to 1000 MHz (Broadband) | | **Frequency Range (IF)** | DC to 1000 MHz | | **LO Drive Level** | +7 dBm (Standard Level 7) | | **Conversion Loss** | 6.0 - 8.5 dB (Typical) | | **Isolation (LO-RF)** | 30 - 45 dB | | **Isolation (LO-IF)** | 25 - 40 dB | | **Package Style** | Surface Mount (SMD) / High Reliability | --- ## 2. Core Internal Architecture The device utilizes a **diode-quad bridge** configuration combined with wideband transformers (baluns). ### Key Internal Components: * **Schottky Diode Quad:** Used for high-speed switching and low noise. * **Transmission Line Transformers:** Ensure impedance matching (usually 50 Ohms) across the wide frequency bandwidth. * **Ferrite Cores:** Used within the transformers to maintain performance at lower frequencies. --- ## 3. Pin Configuration and Signal Flow In a standard double-balanced mixer like the M2TT series, the pins are categorized by their signal function: 1. **LO (Local Oscillator):** The high-power input that "switches" the diodes. 2. **RF (Radio Frequency):** The input signal to be converted (in down-conversion). 3. **IF (Intermediate Frequency):** The output signal (the difference or sum of LO and RF). 4. **Ground:** Multiple pins for thermal dissipation and electrical shielding. --- ## 4. Typical Applications Due to its robust design and wide frequency range, this part is commonly found in: * **Automotive Radar/Sensing:** Used in ADAS systems (due to the /Q qualification). * **Base Stations:** Cellular infrastructure for frequency mixing. * **Military Communications:** Ruggedized radio equipment. * **Test Equipment:** Signal generators and spectrum analyzers. --- ## 5. Circuit Implementation Example When integrating this part into a PCB, designers must follow specific RF layout rules. ```python # Design Checklist for M2TT-85-R2/Q design_rules = { "Impedance": "Maintain 50-Ohm trace width for all RF paths", "Isolation": "Use 'Via-Stitching' around RF lines to prevent crosstalk", "LO_Drive": "Ensure local oscillator provides stable +7dBm", "Filtering": "Add Low-Pass Filter (LPF) at IF output to remove LO leakage" } ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific advantages of a Double-Balanced Mixer over a Single-Balanced one?
    • ⤷ How does the +7dBm LO drive level affect the 1dB compression point?
    • ⤷ What is the operating temperature range for the /Q qualified version?