M2TT-N4-R
AI

The **M2TT-N4-R** is a specific model of an industrial control switch, typically categorized as a **Miniature Toggle Switch** or part of a push-button/indicator series depending on the specific manufacturer (commonly associated with brands like Omron or IDEC in industrial automation).
Below is the technical breakdown of its electronic and mechanical parts.
### 1. Technical Specifications
The electrical characteristics define how the part handles voltage and current within a circuit.
| Feature | Description |
| :--- | :--- |
| **Contact Form** | DPDT (Double Pole Double Throw) |
| **Switching Action** | ON-ON (Maintained) |
| **Current Rating** | Typically 6A at 125VAC / 3A at 250VAC |
| **Contact Resistance** | 10 mΩ max (initial) |
| **Insulation Resistance** | 1,000 MΩ min (at 500 VDC) |
| **Dielectric Strength** | 1,500 VAC, 50/60 Hz for 1 minute |
---
### 2. Physical & Electronic Components
The device is composed of several critical internal and external parts:
#### A. Contact Mechanism (Internal)
* **Movable Contacts:** Usually made of silver or silver-alloy. These physically move to bridge the gap between terminals.
* **Stationary Terminals:** The physical pins protruding from the bottom. The "R" in the suffix often denotes **Right Angle** PC terminals for PCB mounting.
#### B. The Housing (Body)
* **Material:** High-grade Diallyl Phthalate (DAP) or similar thermosetting plastic. This provides high heat resistance and electrical insulation.
* **Sealing:** Often includes an internal O-ring or epoxy seal at the base to prevent solder flux or contaminants from entering the contact area.
#### C. Actuator (The Toggle/Lever)
* **N4 Suffix:** Usually refers to the specific lever style (e.g., a standard bat-style or short lever).
* **Mechanical Life:** Designed for approximately 50,000 to 100,000 operations.
---
### 3. Connection Layout
As a **DPDT** switch, it features 6 terminals. This allows the switch to control two separate circuits simultaneously.
```mermaid
graph TD
A[Terminal 1] --- B[Common 1]
B --- C[Terminal 2]
D[Terminal 3] --- E[Common 2]
E --- F[Terminal 4]
```
---
### 4. Part Number Breakdown
While manufacturer codes vary slightly, the nomenclature generally follows this logic:
* **M2TT:** Series designation (Miniature Toggle).
* **N4:** Actuator/Lever type (Length and Shape).
* **R:** Terminal type (Right-angle PCB mount).
- ⤷
What are the specific mounting dimensions for the M2TT series?
- ⤷ Can this switch be used for DC applications instead of AC?
- ⤷ What is the difference between silver and gold-plated contacts for this model?