M2TT-N4-R/N
AI

The **M2TT-N4-R/N** is a specialized electronic component, typically classified as a **Miniature Toggle Switch** or a specific industrial control switch. These parts are designed for high-reliability applications where manual control of a circuit is required in a compact form factor.
---
### Technical Specifications and Features
The part number indicates specific mechanical and electrical characteristics. Below is a breakdown of its typical composition:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Switch Function** | DPDT (Double Pole Double Throw) | Controls two separate circuits, each with two output options. |
| **Actuator Type** | Standard Lever | A metal or plastic toggle used to flip the internal contacts. |
| **Mounting Type** | Panel Mount / PCB | Often features a threaded bushing for secure mounting through a panel. |
| **Terminal Type** | Solder Lug or PC Pin | Depends on the specific sub-variant (N4 typically refers to PC terminals). |
| **Contact Rating** | 6A @ 125VAC / 3A @ 250VAC | Defines the maximum current and voltage the switch can handle safely. |
---
### Internal Electronic Construction
The internal mechanism of the M2TT series revolves around several key electronic materials:
1. **Contact Plating (Gold/Silver):**
* **Silver (Standard):** Used for power applications to ensure high conductivity.
* **Gold (Optional):** Often indicated by the "R" suffix in some catalogs, gold plating prevents oxidation and is used for "dry circuits" (very low current/logic levels).
2. **Housing (Diallyl Phthalate - DAP):**
* The case is usually made of high-strength, heat-resistant plastic to prevent melting during soldering.
3. **Bushing & Frame:**
* Usually constructed from nickel-plated brass or stainless steel to ensure mechanical durability and grounding capability.
---
### Schematic Representation
In a circuit diagram, the M2TT-N4-R/N (as a DPDT switch) is represented as follows:
```text
Circuit 1 Circuit 2
(Pole A) (Pole B)
/ /
O---O (ON) O---O (ON)
| |
O (OFF/Common) O (OFF/Common)
| |
O---O (ON) O---O (ON)
```
---
### Suffix Breakdown (General Nikkai/NKK Convention)
* **M2T:** Series identifier (Miniature Process Compatible Toggle).
* **N4:** Terminal style (Right-angle or specific PC terminal spacing).
* **R/N:** This often refers to the **Environmental Rating** or **Contact Material**. "R" frequently denotes Gold contacts for logic-level switching, while "N" can refer to standard Silver.
- ⤷
What is the maximum voltage rating for the M2TT series?
- ⤷ What is the difference between a DPDT and a SPDT switch configuration?
- ⤷ How do I choose between gold and silver contacts for this switch?