AI

The **M2TT-N5-R2/CE** is a high-precision digital temperature transmitter from the **M2 Series** (often associated with manufacturers like M-System or similar industrial automation brands). It is designed to convert signals from thermocouple or RTD sensors into a standard DC output.
---
### 1. Key Technical Specifications
| Parameter | Specification Details |
| :--- | :--- |
| **Model Series** | M2 Series (Plug-in base) |
| **Input Type** | Thermocouple (Selectable via DIP switches/Config) |
| **Output Type** | DC Output (Current or Voltage) |
| **Power Input** | 100 – 240V AC (Standard for 'N5' designation) |
| **Configuration** | Field-configurable via PC or DIP switch |
| **Isolation** | 3-way isolation (Input to output to power) |
| **Approval** | CE Marking (European Conformity) |
---
### 2. Breakdown of the Model Name
The alphanumeric code describes the specific hardware configuration:
* **M2TT**: **M2** Series **T**hermocouple **T**ransmitter.
* **N5**: Power supply requirement (typically **100 – 240V AC**).
* **R2**: Output signal type (typically indicates a specific **DC voltage/current** range or dual-output capability).
* **CE**: Confirms the device meets **European safety and EMC standards**.
---
### 3. Core Electronic Components & Functionality
The internal circuitry is divided into three primary stages to ensure signal integrity:
#### A. Input Stage (Signal Conditioning)
* **Cold Junction Compensation (CJC):** Since thermocouples measure a temperature difference, an internal thermistor monitors the terminal temperature to provide an absolute reading.
* **A/D Converter:** High-resolution Analog-to-Digital converter to process the millivolt ($\text{mV}$) signals from the thermocouple.
* **Burnout Protection:** Circuitry that detects if the sensor wire is broken, forcing the output to a high (upscale) or low (downscale) limit.
#### B. Isolation & Processing
* **Microprocessor:** Linearizes the non-linear voltage curve of the thermocouple (Types K, E, J, T, B, R, S, etc.).
* **Galvanic Isolation:** Uses opto-isolators or transformers to separate the input, output, and power circuits. This prevents ground loops and protects the PLC/DCS from high-voltage surges.
#### C. Output Stage
* **D/A Converter:** Converts the processed digital value back into a precise analog signal (e.g., $4-20\text{mA}$ or $1-5\text{V DC}$).
* **Driver Circuit:** Ensures the output can drive the required load resistance (usually up to $750\Omega$ for current loops).
---
### 4. Physical Features
* **Plug-in Base:** The electronic module can be removed from the base without disconnecting the field wiring.
* **LED Indicators:** Front-facing LEDs usually indicate power status and error conditions (like sensor burnout).
* **DIP Switches:** Located under the cover for manual range setting without needing a PC.
---
- ⤷
How do I configure the thermocouple type for this specific model?
- ⤷ What is the maximum load resistance for the R2 output signal?
- ⤷ Can this transmitter be used with RTD sensors instead of thermocouples?