M2UDS-00-R/N
AI

The **M2UDS-00-R/N** is a specific electronic component typically associated with industrial automation and control systems, often identified as a **Digital Potentiometer** or a **Digital Setting Unit** from manufacturers like *M-System*.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. General Specifications
This device is designed to convert digital inputs (via front-panel buttons) into a simulated analog output, used to provide setpoints for controllers or speed references for inverters.
| Feature | Specification |
| :--- | :--- |
| **Model Series** | M2UDS (Ultra-Slim Signal Conditioners) |
| **Input Type** | Manual Digital Setting (Front Up/Down keys) |
| **Output Type** | DC Voltage or Current (Standard 4-20mA or 1-5V) |
| **Display** | 4-digit LED (Red/Green options) |
| **Power Input** | 100–240V AC or 24V DC (depending on suffix) |
| **Mounting** | DIN Rail Mounting |
---
### 2. Key Electronic Components & Interfaces
The internal circuitry of the M2UDS-00-R/N is divided into several functional blocks:
* **Microprocessor Control:** Manages the digital logic, storing the setpoint in non-volatile memory (EEPROM) so the value is retained even after a power failure.
* **D/A Converter (Digital to Analog):** The core component that translates the digital value shown on the LED into a high-precision analog signal.
* **Isolation Circuitry:** Provides galvanic isolation between the power supply, input controls, and the analog output to prevent ground loops and protect connected equipment.
* **User Interface:**
* **Up/Down Keys:** For incrementing/decrementing values.
* **Function Keys:** For scaling and parameter configuration.
---
### 3. Model Suffix Breakdown
The "R/N" part of the model number refers to specific power and aesthetic configurations:
* **M2UDS:** Basic Model series.
* **00:** Indicates specific input/output configuration (standard variable).
* **R:** Usually indicates the **Power Input** (e.g., 24V DC).
* **N:** Indicates the **Display Color** or a specific terminal type (often "N" stands for Red LED or standard screw terminals depending on the specific manufacturer catalog year).
---
### 4. Technical Advantages
1. **High Resolution:** Unlike mechanical potentiometers, digital units do not suffer from "wiper wear" or contact noise.
2. **Ramp Function:** Many units in this series allow the user to program a "ramp rate," meaning the output signal changes gradually even if the user holds the button down.
3. **Space Efficiency:** The "Ultra-Slim" design (usually around 12.5mm to 29mm wide) allows for high-density installation in control panels.
---
- ⤷
What are the wiring diagrams for the 4-20mA output version?
- ⤷ How do I program the scaling limits on the M2UDS?
- ⤷ Does this model support Modbus communication for remote setting?