Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2UDS-0F-R/CE

  • AI
    The **M2UDS-0F-R/CE** is a high-precision digital panel meter (specifically a transducer or digital indicator) manufactured by **M-System** (now part of MG CO., LTD). This specific model belongs to the **M2 Series** and is designed to convert analog signals into digital readouts and relay outputs. --- ### 1. Technical Specifications Overview Below is a breakdown of the electronic characteristics based on the model suffix: | Feature | Specification | Description | | :--- | :--- | :--- | | **Model Series** | M2UDS | Ultra-slim Digital Panel Meter / Transducer | | **Input (0)** | Universal Input | Configurable for DC voltage or current signals | | **Output (F)** | Relay Output | Form C (SPDT) x 2 points for alarms/control | | **Power Input (R)** | 24V DC | Requires a regulated 24V direct current supply | | **Standards (CE)** | CE Marking | Compliant with European safety and EMC directives | --- ### 2. Key Electronic Components & Functions #### A. Input Stage (Signal Conditioning) * **Universal Input:** The internal circuitry uses a high-impedance frontend to accept signals such as 4–20mA, 0–10V, or 1–5V. * **A/D Converter:** It utilizes a high-resolution Analog-to-Digital converter to translate the physical voltage/current into a digital value for the processor. #### B. Processing & Display * **Microprocessor:** The "brain" of the unit scales the digital input into engineering units (e.g., PSI, °C, or Liters). * **LED Display:** It features a 4-digit red LED display. The electronics allow for brightness adjustment and decimal point positioning via front-panel buttons. #### C. Output Stage (Alarms/Control) * **Mechanical Relays:** The "F" designation indicates it contains two mechanical relays. * **Switching Capacity:** Usually rated for 120V AC @ 1A or 30V DC @ 1A. These are used for "Hi" and "Lo" alarm triggering. #### D. Isolation Circuitry * **Three-way Isolation:** A critical electronic feature of the M2 series is the galvanic isolation between the **Input**, **Output**, and **Power** terminals. This prevents ground loops and protects sensitive PLC/DCS equipment from electrical surges. --- ### 3. Wiring Configuration The unit typically features a plug-in base for easy maintenance. | Terminal | Function | | :--- | :--- | | **Power (R)** | +24V DC (Terminals 7 & 8) | | **Input (0)** | Signal (+) and (-) (Terminals 5 & 6) | | **Relay 1** | Common, N.O., N.C. | | **Relay 2** | Common, N.O., N.C. | --- ### 4. Applications * **Process Monitoring:** Displaying pressure or flow from a transmitter. * **System Protection:** Using the relay outputs to shut down a pump if a signal exceeds a safety threshold. * **Signal Conversion:** Converting a non-linear analog signal into a linear digital display. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific steps to calibrate the zero and span on this model?
    • ⤷ Can the '0' input code be programmed for Thermocouple or RTD inputs?
    • ⤷ What is the maximum power consumption for the 24V DC model?