Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2UDS-14W-R

  • AI
    The **M2UDS-14W-R** is a specific type of industrial-grade display or control module, typically part of a series used in automation, signage, or machinery interfaces. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. General Component Specifications The "14W" in the part number often refers to the physical size or power rating, while the "R" typically signifies a specific feature like a **Resistive Touchscreen** or a **Rear-mount** configuration. | Feature | Specification | | :--- | :--- | | **Component Type** | Industrial LCD Display / Interface Module | | **Backlight Type** | LED (Long-life, high-brightness) | | **Input Voltage** | Typically 12V - 24V DC (Industrial standard) | | **Interface Port** | VGA, HDMI, or LVDS (Model dependent) | | **Touch Technology** | 4-Wire or 5-Wire Resistive (if "R" designates touch) | --- ### 2. Core Electronic Subsystems #### A. The Display Panel (LCD/TFT) The primary component is a Liquid Crystal Display. In industrial models like the M2UDS, the glass is reinforced to handle vibrations and thermal expansion. It uses thin-film transistor (TFT) technology to control individual pixels for high contrast. #### B. The Controller Board (AD Board) The Analog-to-Digital (AD) board is the "brain" of the unit. It performs several functions: * **Signal Conversion:** Converts incoming video signals (like VGA or HDMI) into a format the LCD panel can understand. * **Scaling:** Adjusts the resolution of the input signal to fit the native 14-inch (or specified) screen resolution. * **OSD (On-Screen Display):** Manages the menu system for brightness, contrast, and color adjustments. #### C. LED Driver Circuit Unlike consumer monitors, industrial units use high-efficiency LED drivers to ensure consistent brightness across a wide temperature range. This circuit manages the pulse-width modulation (PWM) used for dimming the backlight. #### D. Touch Controller (The "R" Suffix) If the "R" indicates a Resistive touch screen, the module includes: * **ITO Layers:** Two layers of Indium Tin Oxide that touch when pressed. * **Touch IC:** A specialized chip that translates the voltage drop at the point of contact into X/Y coordinates for the host computer. --- ### 3. Key Electronic Characteristics * **Electromagnetic Compatibility (EMC):** These parts are usually shielded to prevent interference from nearby industrial motors or high-voltage lines. * **Ruggedized Capacitors:** Often uses solid-state or high-temp electrolytic capacitors to ensure a MTBF (Mean Time Between Failure) of 50,000+ hours. * **Reverse Polarity Protection:** Protects the internal circuitry if the DC power leads are connected backwards during installation. ---
    ✨ Follow-up Questions
    • ⤷What is the specific pinout for the M2UDS-14W-R power connector?
    • ⤷ Does this model support multi-touch or only single-point touch?
    • ⤷ What is the IP rating for the front bezel of this module?