M2UDS-160-R/N
AI

The **M2UDS-160-R/N** belongs to a specialized series of **M2UDS** (Modular 2-Unit Digital Switches) or Digital Setting Units, typically manufactured by companies like **IDEC** or similar industrial control providers. These are used to convert physical thumbwheel or push-button inputs into digital signals (usually BCD - Binary Coded Decimal).
### 1. Component Specifications
The model number breaks down into specific technical attributes:
| Feature | Specification / Detail |
| :--- | :--- |
| **Series** | M2UDS (Modular Thumbwheel/Digital Switch) |
| **Size** | 160 (Standard industrial housing size) |
| **Output Code** | **R**: BCD (Binary Coded Decimal) Positive Logic |
| **Orientation** | **N**: Typically signifies standard mounting or no specific internal diode |
| **Switching Type** | Push-button or Thumbwheel incremental adjustment |
---
### 2. Internal Electronic Structure
The electronic parts within this unit are designed for durability and signal integrity in industrial environments:
* **PC Board (PCB):** A rigid fiber-glass board with gold-plated contact pads to prevent oxidation.
* **Wiper Contacts:** These are small metal "brushes" that move across the PCB traces as the dial is turned, making physical electrical connections.
* **Diodes (Optional):** Some versions include internal diodes to prevent "sneak paths" or backflow current when multiple switches are wired in a matrix.
* **Terminal Blocks:** Usually located at the rear, these are pin headers for soldering or ribbon cable connectors.
---
### 3. Truth Table (BCD Output)
As an electronic part, the primary function is to translate a digit (0-9) into a 4-bit electrical output.
| Digit | Pin 8 (2³) | Pin 4 (2²) | Pin 2 (2¹) | Pin 1 (2⁰) |
| :--- | :--- | :--- | :--- | :--- |
| **0** | OFF | OFF | OFF | OFF |
| **1** | OFF | OFF | OFF | **ON** |
| **5** | OFF | **ON** | OFF | **ON** |
| **9** | **ON** | OFF | OFF | **ON** |
---
### 4. Technical Electrical Ratings
When integrating this part into a circuit, the following electronic limits must be observed:
```cpp
// Typical Electrical Characteristics
Rated_Voltage: "5V DC to 24V DC";
Contact_Resistance: "< 200 mOhms";
Insulation_Resistance: "> 1000 MOhms at 500V DC";
Dielectric_Strength: "600V AC for 1 minute";
Mechanical_Life: "Approx. 1,000,000 operations";
```
---
### 5. Application Scenarios
* **PLC Input:** Providing manual set-points (like a timer value or counter limit) to a Programmable Logic Controller.
* **Digital Displays:** Interfacing with a 7-segment driver IC to show values.
* **Industrial Machinery:** Used in harsh environments where a touch-screen is impractical due to gloves or moisture.
---
- ⤷What is the difference between Positive and Negative logic in these switches?
- ⤷ How do I wire multiple M2UDS units together in parallel?
- ⤷ Does this model require external pull-up resistors for PLC interfacing?