M2UDS-164W-R2
AI

Based on the part number **M2UDS-164W-R2**, this component belongs to the family of high-density, small-form-factor connectors, typically utilized in automotive or industrial electronics for signal transmission.
---
## Technical Specifications & Overview
The **M2UDS series** is characterized by its compact design and high-pin-count density. Below is a breakdown of its technical profile:
### Key Features
| Feature | Description |
| :--- | :--- |
| **Component Type** | Board-to-Wire / Board-to-Board Connector |
| **Number of Positions** | 164 Pins (indicated by the '164' in the code) |
| **Configuration** | Dual Row (UDS - Ultra Density System) |
| **Orientation** | Right-Angle (indicated by the 'W' or 'R' suffix depending on manufacturer convention) |
| **Pitch** | Typically 0.5mm to 0.8mm (Ultra-fine pitch) |
---
## Part Number Breakdown
Understanding the nomenclature helps in identifying the specific physical attributes of the part:
1. **M2**: Series identifier (often associated with automotive-grade durability).
2. **UDS**: **U**ltra **D**ensity **S**ystem - refers to the compact spacing of the pins to save PCB real estate.
3. **164**: The total pin count of the connector.
4. **W**: Usually denotes a "Wall" or "Wing" mounting style, or specific color coding (White).
5. **R2**: Revision 2 or specific packaging (Tape & Reel) indicator.
---
## Physical Characteristics
### Materials
* **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand reflow soldering.
* **Contacts:** Copper alloy with selective Gold (Au) or Tin (Sn) plating to ensure high conductivity and corrosion resistance.
### Applications
These connectors are predominantly found in:
* **Automotive Infotainment:** Connecting high-resolution displays to the main processing unit.
* **ADAS Modules:** Advanced Driver Assistance Systems requiring high-speed data transfer.
* **Industrial Automation:** Compact PLC modules and sensor hubs.
---
## Comparison with Similar Connectors
| Specification | M2UDS-164W-R2 | Standard Headers |
| :--- | :--- | :--- |
| **Pin Density** | High | Low/Medium |
| **Vibration Resistance** | High (Automotive Grade) | Low |
| **Space Footprint** | Minimal | Large |
| **Mounting Type** | SMT (Surface Mount) | Through-hole or SMT |
- ⤷
What is the exact pitch measurement for the M2UDS series?
- ⤷ Is there a specific mating cable or female connector recommended for this part?
- ⤷ What are the voltage and current ratings per pin?