M2UDS-166-R/CE
AI

Based on the technical specifications for the **M2UDS-166-R/CE**, this component is a specialized **Thumbwheel Switch** (often referred to as a digital switch or coded rotary switch) manufactured by companies like **Omron** or compatible industrial automation suppliers.
Below is a breakdown of its electronic parts and specifications.
---
### 1. General Specifications
The M2UDS series is designed for control panels where manual input of numerical values is required.
| Feature | Specification |
| :--- | :--- |
| **Model** | M2UDS-166-R/CE |
| **Output Code** | BCD (Binary Coded Decimal) |
| **Switching Capacity** | 1 mA to 0.1 A at 5 to 28 VDC |
| **Contact Resistance** | 200 mΩ max. |
| **Insulation Resistance** | 100 MΩ min. at 500 VDC |
| **Operating Force** | 4.90 N max. |
---
### 2. Electronic Components & Internal Structure
The device consists of several critical electronic and mechanical parts that allow it to interface with PLCs or microcontrollers:
#### A. Internal PCB (Printed Circuit Board)
* **Substrate:** Usually a glass epoxy or phenol resin board.
* **Traces:** The board contains circular copper traces that correspond to the BCD logic table.
#### B. Contact Mechanism
* **Wiper:** A rotating metal brush (often gold-plated to prevent oxidation) that slides across the PCB traces as the thumbwheel is turned.
* **Fixed Contacts:** Gold-plated stationary points that ensure high conductivity even at low currents (1mA).
#### C. Coding Logic (BCD)
This specific model outputs a **Binary Coded Decimal**. This means for every digit displayed on the wheel (0-9), the pins on the back will output a specific 4-bit binary combination:
* **Pin 1:** Bit $2^0$ (Value 1)
* **Pin 2:** Bit $2^1$ (Value 2)
* **Pin 4:** Bit $2^2$ (Value 4)
* **Pin 8:** Bit $2^3$ (Value 8)
* **Common:** The input voltage source.
#### D. The Housing & Diode (CE Version)
* **Diodes:** The "/CE" suffix often indicates compliance with European standards, which may include internal diodes for sneak current prevention when multiple units are wired in a matrix.
---
### 3. Truth Table (BCD Output)
The following table illustrates how the electronic contacts close based on the selected digit:
| Dial Position | Pin 1 ($2^0$) | Pin 2 ($2^1$) | Pin 4 ($2^2$) | Pin 8 ($2^3$) |
| :---: | :---: | :---: | :---: | :---: |
| **0** | OFF | OFF | OFF | OFF |
| **1** | **ON** | OFF | OFF | OFF |
| **3** | **ON** | **ON** | OFF | OFF |
| **5** | **ON** | OFF | **ON** | OFF |
| **9** | **ON** | OFF | OFF | **ON** |
---
### 4. Mounting and Connection
* **Terminals:** Typically designed for soldering or for use with a dedicated connector socket.
* **Modular Design:** These units are "snap-together," allowing multiple digits (tens, hundreds, thousands) to be linked into a single panel cutout.
---
- ⤷
What is the difference between BCD and Decimal output in thumbwheel switches?
- ⤷ How do you wire multiple M2UDS units to a PLC using a multiplexing method?
- ⤷ Does the 'R' in the part number signify a specific mounting style or color?