M2UDS-21-R
AI

The **M2UDS-21-R** is a specific electronic component, typically categorized as a **Micro-USB Connector** (specifically a Micro-B type). These components are essential in modern electronics for power delivery and data transfer between devices.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. General Specifications
The M2UDS-21-R is a Surface Mount Device (SMD) designed for high-density PCB layouts.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Micro-USB Type B |
| **Gender** | Receptacle (Female) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Orientation** | Right Angle / Horizontal |
| **Number of Contacts** | 5 Pins |
| **Termination** | Solder |
---
### 2. Electrical Characteristics
These parameters define how the part behaves within a circuit under load.
* **Current Rating:** Typically 1.0A to 1.8A per contact (depending on the specific manufacturer's batch).
* **Voltage Rating:** 30V AC/DC.
* **Contact Resistance:** $\le$ 30 mΩ (milliohms) initially.
* **Insulation Resistance:** $\ge$ 100 MΩ at 500V DC.
* **Dielectric Withstanding Voltage:** 100V AC for 1 minute.
---
### 3. Pinout Configuration
The standard 5-pin configuration for this Micro-B connector is as follows:
| Pin Number | Signal Name | Description |
| :--- | :--- | :--- |
| 1 | **VCC** | +5V Power Supply |
| 2 | **D-** | Data Negative |
| 3 | **D+** | Data Positive |
| 4 | **ID** | Identification (Used for OTG functions) |
| 5 | **GND** | Ground |
---
### 4. Physical and Mechanical Features
* **Shielding:** The outer shell is usually made of Stainless Steel or Copper Alloy with Nickel plating to prevent Electromagnetic Interference (EMI).
* **Durability:** Rated for approximately 10,000 mating cycles.
* **Retention Force:** Features "locking" side tabs (recesses) to ensure a secure connection with the cable.
* **PCB Legs:** Often includes "shell stakes" or "SMT tabs" that are soldered to the PCB for mechanical strength, preventing the connector from being ripped off during cable insertion/removal.
---
### 5. Common Applications
Due to its small footprint and reliability, it is found in:
* **IoT Devices:** Smart sensors and controllers.
* **Consumer Electronics:** Bluetooth speakers, older smartphones, and power banks.
* **Development Boards:** Used for programming and powering ESP32 or Arduino-style modules.
- ⤷
What are the recommended soldering temperature profiles for the M2UDS-21-R?
- ⤷ How does the 'ID' pin function differ between standard charging and USB OTG?
- ⤷ Are there waterproof versions of this specific connector footprint?