M2UDS-2A-R/N
AI

The **M2UDS-2A-R/N** is a specific model of an **Ultra-Compact Digital Panel Meter** (specifically a Digital Bargraph Meter) manufactured by **M-System**. It is designed for process monitoring where space is limited but high visibility is required.
---
## 1. Core Technical Specifications
The part number breaks down into specific electronic characteristics:
| Feature | Specification | Description |
|:---|:---|:---|
| **Model** | M2UDS | Ultra-slim Digital Bargraph Meter |
| **Configuration (2A)** | 2 Inputs / Alarm | Dual-channel bargraph with alarm outputs |
| **Power Input (R)** | 24V DC | Standard industrial control voltage |
| **Safety/Standard (N)** | No CE marking | Standard version for specific regional markets |
---
## 2. Key Electronic Components & Features
### A. Display System
* **Bargraph:** 101-segment LED (usually red or green) providing a 1% resolution visual representation of the process variable.
* **Digital Readout:** 4-digit LED display for precise numerical monitoring.
* **Programmable Scales:** The electronics allow for scaling (e.g., a 4-20mA signal can be displayed as 0.0 to 100.0%).
### B. Input/Output Circuitry
* **Input Signals:** Typically accepts DC voltage (e.g., 0-10V) or DC current (e.g., 4-20mA).
* **Alarm Outputs:** Features Open Collector or Relay contact outputs (depending on sub-configuration) for High/Low limit switching.
* **Isolation:** The unit features high galvanic isolation between the input, power, and output stages to prevent ground loops and noise interference.
### C. Physical Construction
* **Slim Design:** Only 18mm wide, allowing for high-density mounting on DIN rails or control panels.
* **Terminal Block:** Removable tension-clamp or screw terminals for easy wiring.
---
## 3. Applications
These electronic modules are primarily used in:
1. **Water Treatment:** Monitoring flow rates or tank levels.
2. **Power Plants:** Visualizing voltage or current fluctuations.
3. **Manufacturing:** Tracking pressure or temperature in real-time on a compact console.
---
## 4. Wiring Diagram Overview (Simplified)
Below is a generic representation of the connection points for the M2UDS series:
```text
Terminal | Function
---------|--------------------------
1 - 2 | Power Supply (24V DC)
3 - 4 | Input 1 (e.g., 4-20mA)
5 - 6 | Input 2 (if dual channel)
7 - 8 | Alarm Output 1 (L/H)
9 - 10 | Alarm Output 2 (L/H)
```
- ⤷
What are the specific mounting requirements for the M2UDS series?
- ⤷ Does this model support Modbus or other digital communication protocols?
- ⤷ What is the difference between the 'R' and 'M' power supply options for this device?