M2UDS-41-R2
AI

The **M2UDS-41-R2** is a specific electronic component typically categorized as a **Thumbwheel Switch** or a **Digital Pushwheel Switch**. These parts are used to manually input numerical values into a digital circuit (like a PLC or a control board) without needing a digital interface.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Core Technical Specifications
The "M2UDS" series is generally manufactured by companies like **Nidec Copal Electronics** (formerly COPAL).
| Feature | Specification (Typical) |
| :--- | :--- |
| **Switch Type** | Thumbwheel / Pushwheel |
| **Output Code** | BCD (Binary Coded Decimal) |
| **Number of Positions** | 10 (0 through 9) |
| **Contact Resistance** | 200 mΩ maximum |
| **Insulation Resistance** | 100 MΩ minimum (at 250V DC) |
| **Dielectric Strength** | 250V AC for 1 minute |
| **Operating Voltage** | Up to 28V DC |
| **Switching Current** | 0.1A (Non-switching current: 1A) |
---
## 2. Electronic Functionality: BCD Output
The primary function of the M2UDS-41-R2 is to convert a mechanical position (0-9) into a 4-bit Binary Coded Decimal output.
When you click the buttons to change the number on the display, the internal contacts close to represent that number in binary:
| Displayed Digit | Binary Output (1-2-4-8 Pins) |
| :--- | :--- |
| **0** | 0 0 0 0 |
| **1** | 1 0 0 0 |
| **5** | 1 0 1 0 |
| **9** | 1 0 0 1 |
---
## 3. Physical & Design Attributes
* **Push-button Actuation:** The "UDS" variant typically uses a "plus" and "minus" button (or up/down buttons) to increment or decrement the number, rather than a rotating wheel.
* **Snap-in Mounting:** Designed for panel mounting where multiple units can be snapped together to form a multi-digit number (e.g., a 3-digit timer setting).
* **Termination:** Usually features PCB pins or solder terminals for integration into a control circuit.
---
## 4. Part Number Breakdown
While manufacturer codes vary slightly, the R2 suffix often denotes specific mechanical or electrical revisions:
* **M2:** Series identifier (Miniature size).
* **UDS:** Push-button type.
* **41:** Configuration code (often referring to BCD output and specific housing).
* **R2:** Revision or RoHS compliance status.
---
- ⤷
How do you wire a BCD thumbwheel switch to an Arduino or PLC?
- ⤷ What is the difference between BCD and Decimal output in these switches?
- ⤷ Can these switches be used for AC voltage applications?