M2UDS-41-R2/CE
AI

The **M2UDS-41-R2/CE** is a high-precision, digital panel meter/indicator typically manufactured by **M-System**. It is designed to accept DC input signals and provide a clear digital readout, often used in industrial process control and monitoring systems.
---
## 1. Core Technical Specifications
The model code `M2UDS-41-R2/CE` identifies specific electronic characteristics:
| Parameter | Specification | Description |
|:---|:---|:---|
| **Input Signal** | DC Current / Voltage | Configurable based on specific sub-range settings. |
| **Output Type** | 4 to 20 mA DC | Transmits a linearized signal to other devices (PLC/DCS). |
| **Power Supply** | 100 – 240V AC | Universal AC power input for global compatibility. |
| **Display** | 4-digit LED | Provides a local visual reading of the process variable. |
| **Accuracy** | ±0.1% | High precision for industrial grade sensing. |
| **Certification** | CE Marking | Complies with European safety and EMC standards. |
---
## 2. Key Electronic Components & Features
### A. Signal Conditioning Circuitry
The device utilizes an **Analog-to-Digital Converter (ADC)** to transform incoming DC signals into digital data. This allows the internal microprocessor to scale the value (e.g., converting 4-20mA into 0.0 to 100.0%).
### B. Isolation Barrier
One of the most critical electronic features is **Triple Isolation**:
* **Input to Output**
* **Input to Power**
* **Output to Power**
This protects the electronics from high-voltage surges and eliminates ground loop interference, ensuring signal integrity.
### C. Output Driver
The `R2` designation usually refers to the output configuration. In this series, it features a **Current Output (4-20mA)** driven by a stable internal voltage reference, allowing it to act as both an indicator and a signal transmitter.
### D. User Interface
* **Front Buttons:** Membrane switches allow for field calibration and scaling without needing external software.
* **Scaling:** The electronics allow the user to define "Zero" and "Span" points to match the specific physical parameters of the sensor being used.
---
## 3. Terminal Configuration Example
The wiring for this unit is typically divided into three sections:
```text
[ Power Section ] [ Input Section ] [ Output Section ]
L (+) In (+) Out (+)
N (-) In (-) Out (-)
GND
```
---
## 4. Typical Applications
* **Level Monitoring:** Displaying the height of liquid in a tank based on a pressure sensor.
* **Temperature Display:** Converting a transmitter's signal into a readable Celsius/Fahrenheit value.
* **Data Conversion:** Converting a non-standard DC voltage into a standard 4-20mA loop for a control system.
- ⤷
How do I calibrate the Zero and Span on the M2UDS series?
- ⤷ What is the specific input impedance for the DC current setting?
- ⤷ Can this model support RS-485 Modbus communication?