Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2UDS-4W1-R

  • AI
    The **M2UDS-4W1-R** is a specific model within the **M2UDS Series** of digital panel meters (or signal transducers) manufactured by **M-System** (now part of MG CO., LTD). This device is primarily used in industrial automation to convert signal inputs into isolated DC outputs with a digital display interface. --- ### 1. Key Technical Specifications The model code `M2UDS-4W1-R` can be broken down into its specific electronic configurations: | Feature | Specification | Description | | :--- | :--- | :--- | | **Model Type** | M2UDS | Digital Multi-Unit (Direct current input) | | **Input Signal** | 4 | 4 to 20 mA DC | | **Output 1** | W | 4 to 20 mA DC (Isolated) | | **Output 2** | 1 | 1 to 5 V DC (Isolated) | | **Power Input** | R | 24V DC | --- ### 2. Electronic Component Functions The device operates through several internal electronic stages to ensure signal integrity and safety: #### A. Signal Conditioning & A/D Conversion * **Input Stage:** The 4-20mA input is passed through a high-precision shunt resistor. * **Processing:** An internal Microprocessor (MCU) converts the analog signal into digital data using an A/D converter. This allows the device to scale the input and drive the front-panel LED display. #### B. Triple Isolation One of the most critical electronic features of the "R" series is the **3-way isolation**. The electronics are designed to electrically separate: 1. **Input** 2. **Output** 3. **Power Supply** * *Purpose:* This prevents ground loops, reduces noise interference, and protects sensitive PLC/DCS inputs from high-voltage surges. #### C. Dual Output Generation The device features dual independent outputs. Using internal D/A (Digital-to-Analog) converters, it reconstructs the digital signal back into two separate analog formats: * **Current Loop (4-20mA):** For long-distance transmission. * **Voltage Signal (1-5V):** Commonly used for local controller inputs. --- ### 3. Physical & Interface Features * **Display:** 4-digit red LED display used for monitoring the process variable (PV). * **Configuration:** Front-panel buttons allow for zero/span adjustments and scaling without needing external calibrators. * **Mounting:** Designed for standard DIN rail mounting with a plug-in base socket (M2 series standard). --- ### 4. Typical Applications * **Signal Splitting:** Taking one 4-20mA sensor signal and providing two isolated signals to a PLC and a local chart recorder simultaneously. * **Signal Conversion:** Changing a current-based loop to a voltage-based system. * **Local Monitoring:** Providing a digital readout in an electrical cabinet where the sensor is located far away.
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the 4-20mA output on this model?
    • ⤷ How do you calibrate the zero and span settings using the front panel?
    • ⤷ Can this unit be powered by 110V AC instead of 24V DC?