Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2UDS-4W1-R/N

  • AI
    The **M2UDS-4W1-R/N** is a specific model within the M2UDS series of **digital indicators/meters** manufactured by **M-System** (now part of MG CO., LTD). These devices are typically used for monitoring and displaying analog signals in industrial automation. --- ### ## Technical Specifications Overview The part number can be broken down to understand its electronic characteristics: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **M2UDS** | Series Name | Ultra-slim Digital Indicator | | **4W** | Display Type | 4-digit, 2-color LED (Red/Green) | | **1** | Input Signal | DC Current/Voltage (Field Configurable) | | **R** | Power Input | 24V DC | | **N** | Option | No specific special options (Standard) | --- ### ## Key Electronic Components & Features ### 1. The Display Interface The unit features a high-visibility **4-digit LED display**. One of its primary electronic features is the **dual-color capability**. - The display can be programmed to change color (e.g., from Green to Red) when a specific threshold is reached, providing an immediate visual alarm to operators. ### 2. Input Signal Conditioning The "1" in the part number indicates a universal DC input. The internal circuitry is designed to handle: - **Current Inputs:** Typically 4–20 mA DC. - **Voltage Inputs:** Typically 1–5V DC or 0–10V DC. - The device uses a high-resolution **A/D (Analog-to-Digital) Converter** to translate the linear analog voltage/current into digital data for the display. ### 3. Power Supply Section (The "R" Suffix) The electronic design for this specific model is optimized for **24V DC** operation. - **Isolation:** It typically features 2000V AC isolation between the input, power, and ground, protecting the internal electronics and upstream PLCs from surges or ground loops. - **Low Power Consumption:** Designed for efficiency, usually consuming less than 1W. ### 4. Configuration Electronics Behind the front panel, the device contains: - **Microprocessor:** Handles scaling, zero/span adjustment, and alarm logic. - **EEPROM:** Stores user-configured scaling parameters so they are not lost during power failure. - **Programming Buttons:** Small tactile switches located behind the front cover for field calibration. --- ### ## Connection Diagram (Generic Layout) The electronics are interfaced via screw terminals. A typical wiring setup for the M2UDS-4W1-R/N involves: ```text [ Power ] Terminal 4 (+), 5 (-) -> 24V DC [ Input ] Terminal 1 (+), 2 (-) -> Analog Signal (e.g., 4-20mA) ``` ---
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the scaling on the M2UDS-4W1-R/N?
    • ⤷ What is the maximum current consumption for this specific 24V DC model?
    • ⤷ Does this model support Modbus or other digital communication protocols?