M2UDS-4W2-R2
AI

The **M2UDS-4W2-R2** is a specific model of an ultra-slim, plug-in signal conditioner (isolator) manufactured by **M-System**. It is designed to convert and isolate DC input signals into standard DC output signals.
Below is a detailed breakdown of its electronic specifications and technical characteristics.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Model Series** | M2UDS (Ultra-slim Signal Conditioner) |
| **Input Signal** | DC Current or Voltage (User specified upon ordering) |
| **Output Signal** | DC Current or Voltage (User specified upon ordering) |
| **Power Input (R2)** | 11 - 27V DC |
| **Accuracy** | ±0.1% of span |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Dielectric Strength** | 2000V AC @ 1 minute |
---
### 2. Electronic Component Breakdown
#### A. Power Supply (Suffix: R2)
The "R2" suffix indicates the power requirement for the unit. It is designed for low-voltage industrial environments, typically drawing power from a regulated 24V DC rail.
* **Operating Range:** 11V to 27V DC.
* **Power Consumption:** Approx. 2W.
#### B. The Isolation Barrier
The core electronic function of this device is **3-way isolation**. This means the Input, Output, and Power circuits are electrically separated from each other.
* **Method:** Usually achieved via high-speed optocouplers or magnetic transformers.
* **Purpose:** Prevents ground loops, protects sensitive PLC/DCS inputs from high-voltage surges, and reduces electrical noise.
#### C. Signal Conditioning Circuitry
* **Zero/Span Adjustments:** Located on the front panel. These are multi-turn potentiometers used to calibrate the output to ensure 4mA (Zero) and 20mA (Span) precisely match the input range.
* **Filtering:** Internal low-pass filters are used to stabilize the signal and remove high-frequency EMI (Electromagnetic Interference).
---
### 3. Physical & Installation Features
* **Form Factor:** Ultra-slim (approx. 5.9mm or 12.5mm width depending on the specific M2 series sub-type).
* **Mounting:** DIN Rail mounting with a plug-in base, allowing for easy replacement without disconnecting wires.
* **Status Indicator:** Equipped with a front-facing Power LED to indicate the health of the 24V DC supply.
---
### 4. Part Number Decoder
| Code | Meaning |
| :--- | :--- |
| **M2UDS** | Series Name (Ultra-slim Universal Transmitter/Isolator) |
| **4W** | 4-Wire System (Separate power supply required) |
| **2** | Specific circuit configuration/dual output option (if applicable) |
| **R2** | Power Input: 11 - 27V DC |
---
- ⤷
What are the specific wiring diagrams for the input and output terminals?
- ⤷ How do I perform a span calibration on this unit?
- ⤷ What is the difference between the M2UDS and the M2RS series?