AI

The **M2UDS-4WA-R/N** belongs to the M2UDS series of high-performance Solid State Drives (SSDs) utilizing the **U.2 (SFF-8639)** form factor. This specific model is designed for enterprise-level applications, focusing on reliability and high-speed data throughput.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Form Factor** | U.2 (SFF-8639), 2.5-inch 15mm |
| **Interface** | PCIe Gen4 x4 |
| **Protocol** | NVMe 1.4 |
| **NAND Flash Type** | 3D TLC (Triple-Level Cell) |
| **Capacity Class** | 3.84TB / 4TB (Approximate) |
| **Read/Write Speeds** | Sequential Read up to 7,000 MB/s; Write up to 4,000 MB/s |
---
### 2. Core Electronic Components
The architecture of the M2UDS-4WA-R/N consists of several critical electronic sub-systems:
#### A. The SSD Controller
The "brain" of the device. It manages the PCIe interface and maps data to the NAND cells.
* **Functions:** Error Correction Code (ECC), Wear Leveling, Bad Block Management, and Thermal Throttling.
* **Encryption:** Supports AES 256-bit hardware encryption for data security.
#### B. 3D TLC NAND Flash
This is the non-volatile storage area where data resides.
* **Architecture:** Multiple layers of cells stacked vertically to increase density.
* **Durability:** Optimized for high Drive Writes Per Day (DWPD) typical in data center environments.
#### C. DRAM Cache
High-speed volatile memory (LPDDR4) used to store the **L2P (Logical to Physical)** mapping table.
* **Benefit:** Significantly reduces latency and improves random IOPS (Input/Output Operations Per Second) by avoiding direct NAND lookups for metadata.
#### D. Power Loss Protection (PLP)
A critical feature for the "-R/N" enterprise variants.
* **Capacitor Bank:** Includes a row of tantalum or polymer capacitors.
* **Function:** In the event of a sudden power failure, these capacitors provide enough residual energy to flush the data currently in the DRAM cache to the permanent NAND flash, preventing data corruption.
---
### 3. Physical Interface and Thermal Design
* **SFF-8639 Connector:** Unlike standard consumer M.2 drives, the U.2 interface provides more pins for dual-port capabilities and better power delivery.
* **Heatsink Enclosure:** The drive is encased in a thick aluminum alloy shell. This acts as a passive heatsink, dissipating heat generated by the controller and NAND during heavy workloads to maintain stable performance.
---
### 4. Part Number Breakdown (Inference)
* **M2UDS:** Series identifier (NVMe U.2 Enterprise).
* **4W:** Likely indicates capacity (approx. 4TB).
* **-R/N:** Typically denotes specific firmware or hardware revisions, often indicating "Read Intensive" or "Standard" endurance levels with specific PLP configurations.
- ⤷What are the specific IOPS ratings for the M2UDS-4WA-R/N?
- ⤷ How does the U.2 form factor compare to M.2 in terms of thermal management?
- ⤷ What is the rated endurance (DWPD) for this specific model?