Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2UDS-54-R2

  • AI
    The **M2UDS-54-R2** is a specific model of a **Mini-SAS (SFF-8088) to SATA/SAS Internal Drive Enclosure/Backplane**. These units are typically used in server environments to bridge the gap between external high-speed controllers and internal hard drives. --- ## 1. Technical Specifications The following table outlines the primary electrical and physical characteristics of the M2UDS-54-R2: | Component | Specification | | :--- | :--- | | **Interface (External)** | SFF-8088 (Mini-SAS) | | **Interface (Internal)** | SATA I/II/III or SAS (Direct Pass-through) | | **Form Factor** | 5.25" Bay (fitting multiple 2.5" or 3.5" drives) | | **Voltage Input** | 12V / 5V via SATA Power or Molex | | **Data Transfer Rate** | Up to 6Gbps per channel | | **Max Drives** | Usually supports 4 or 5 drives depending on the bay configuration | --- ## 2. Key Electronic Components ### A. The Backplane PCB The heart of the device is a **Passive Backplane**. Unlike active RAID controllers, this PCB primarily acts as a signal router. * **Trace Impedance:** The PCB is designed with specific differential pair impedance (usually 100 ohms) to ensure signal integrity for high-speed SAS/SATA data. * **Capacitors:** Surface-mount electrolytic or tantalum capacitors are used to filter "ripple" from the power supply, ensuring stable voltage to the spinning disks or SSDs. ### B. Connectivity & Connectors 1. **SFF-8088 Port:** A shielded metal connector designed to handle 4 lanes of data. 2. **SATA/SAS Combos:** The internal side features 22-pin connectors (15-pin power + 7-pin data). 3. **Power Distribution:** Often utilizes a dual-power input for redundancy, distributing power from a central rail to each individual drive slot. ### C. Monitoring and Control (Logic) * **LED Controllers:** Small ICs or simple transistor circuits drive the "Activity" and "Status" LEDs. * **Fan Control:** Most R2 versions include a jumper-based or thermistor-controlled fan speed circuit to manage thermal output without CPU intervention. * **Signal Re-drivers (Optional):** Some variants include ICs to boost the signal strength over longer cable runs, though most "UDS" models are passive to reduce latency. --- ## 3. Signal Flow Diagram Below is a simplified logic flow of how data moves through the electronics: ```mermaid graph LR A[External SAS Controller] -- SFF-8088 Cable --> B(M2UDS-54-R2 Input) B --> C{Backplane PCB} C --> D[Drive 1] C --> E[Drive 2] C --> F[Drive 3] C --> G[Drive 4] H[Power Supply] -- Molex/SATA --> C ``` --- ## 4. Maintenance and Safety Parts * **Fuses:** Many units feature **Resettable PTC Fuses** on the power rails to protect the host system from a short circuit if a drive fails. * **Jumpers:** Usually located on the rear of the PCB to set the "Mute" function for the failure alarm or to adjust the Fan High/Low speed settings.
    ✨ Follow-up Questions
    • ⤷ What is the maximum data throughput of the SFF-8088 connector used in this model?
    • ⤷ Does the M2UDS-54-R2 support SAS dual-porting functionality?
    • ⤷ How does the backplane handle power management for high-capacity enterprise drives?