M2UDS-54-R2/N
AI

The **M2UDS-54-R2/N** is a specific model of an **Ultrasonic Distance Sensor** module, commonly used in industrial automation, robotics, and level sensing applications.
Below is a detailed breakdown of its electronic components and specifications.
---
## 1. Technical Specifications
The "M2UDS" series typically refers to high-precision ultrasonic sensors designed for non-contact distance measurement.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Sensing Method** | Ultrasonic Time-of-Flight (ToF) |
| **Detection Range** | 50mm to 4000mm (depends on target size) |
| **Operating Voltage** | 12V - 24V DC |
| **Output Type** | NPN / PNP (Open Collector) or Analog (0-10V / 4-20mA) |
| **Housing Material** | Nickel-plated brass or Stainless steel |
| **Connector Type** | M12 4-pin or 5-pin Connector |
| **IP Rating** | IP67 (Dust tight and water immersion resistant) |
---
## 2. Key Electronic Parts
The internal circuitry of the M2UDS-54-R2/N consists of four primary stages:
### A. The Piezoelectric Transducer
This is the "heart" of the sensor. It converts electrical energy into high-frequency sound waves (usually 40kHz to 200kHz).
* **Trigger Phase:** The crystal vibrates when a voltage pulse is applied.
* **Echo Phase:** The crystal vibrates when the returning sound wave hits it, creating a small millivolt signal.
### B. Signal Processing Unit (ASIC/MCU)
The module contains an internal microcontroller or a specialized **Application-Specific Integrated Circuit (ASIC)** that performs:
1. **ToF Calculation:** Measuring the time between the trigger pulse and the received echo.
2. **Temperature Compensation:** Because the speed of sound changes with temperature, the sensor often includes a thermistor to adjust the distance calculation.
3. **Filtering:** Digital filters (like moving average) to ignore "noise" or stray reflections.
### C. Output Driver Stage
Depending on the specific suffix (R2/N), the output stage handles how the sensor communicates with a PLC or Controller:
* **Switching Output:** Uses a transistor (NPN or PNP) to act as a digital switch when an object enters a set window.
* **Analog Output:** Uses an Op-Amp and DAC to provide a linear voltage or current proportional to the distance.
### D. Protection Circuitry
* **Reverse Polarity Protection:** Prevents damage if the power wires are swapped.
* **Overload/Short Circuit Protection:** Protects the internal transistors from excessive current.
---
## 3. Wiring Configuration
Most M2-series sensors follow standard industrial color-coding for their internal electronics:
| Pin | Wire Color | Function |
| :--- | :--- | :--- |
| 1 | Brown | +Vcc (12-24V DC) |
| 2 | White | Teach-in / Mode Select |
| 3 | Blue | GND (0V) |
| 4 | Black | Switching Output (NPN/PNP) |
---
## 4. Operational Logic
1. **Emitter** sends an ultrasonic burst.
2. **Timer** starts inside the MCU.
3. **Reflector** (Object) bounces the sound back.
4. **Receiver** detects the echo.
5. **Distance** is calculated using the formula: $d = \frac{v \times t}{2}$ (where $v$ is the speed of sound and $t$ is the time).
- ⤷
What is the difference between the R2 and N variants in this sensor series?
- ⤷ How do I calibrate the 'Teach-in' function on this specific model?
- ⤷ Can this sensor be used for liquid level sensing in chemically aggressive environments?