M2UDS-5W0-R
AI

The **M2UDS-5W0-R** is a specific model within the M2 series of **Plug-in Signal Conditioners** manufactured by **M-System (MG CO., LTD)**. This device is an ultra-slim, signal-powered isolator designed to electrically isolate a DC output signal from its input.
---
### ## Technical Specifications
Below are the primary electronic characteristics and ratings for the M2UDS-5W0-R:
| Parameter | Specification |
| :--- | :--- |
| **Model Function** | Signal Powered Isolator (2-wire) |
| **Input Signal** | 4 – 20 mA DC |
| **Output Signal** | 4 – 20 mA DC |
| **Power Input** | Not required (Loop-powered) |
| **Response Time** | ≤ 25 ms (0 – 90%) |
| **Accuracy** | ±0.1% of span |
| **Isolation Resistance** | 100 MΩ minimum (500V DC) |
| **Dielectric Strength** | 2000V AC @ 1 minute |
---
### ## Electronic Design Features
### 1. Circuitry Design
The "UDS" designation indicates a **Unit-type DC Signal Isolator**.
* **Loop-Powered:** The device operates by consuming a small portion of the voltage from the input loop (Voltage drop is typically around 3.7V). It does not require a separate 24V DC or 110/220V AC power supply.
* **Optical/Magnetic Isolation:** It uses internal coupling components to ensure that the input side is galvanically isolated from the output side, preventing ground loops and protecting sensitive PLC/DCS inputs.
### 2. Mounting and Housing
* **DIN Rail Plug-in:** The electronic module is mounted on a base socket (M2 series standard), allowing for "hot-swapping" or replacement without disconnecting the wiring.
* **Compact Form Factor:** The "Ultra-slim" design allows for high-density installation in control panels.
### 3. Safety and Reliability
* **Surge Protection:** Built-in protection against line noise and electrical surges.
* **Temperature Coefficient:** Typically rated for ±0.015% / °C, ensuring stability in fluctuating industrial environments.
---
### ## Wiring Logic
Since this is a loop-powered isolator, the wiring follows a specific serial path:
```text
[Input Source (4-20mA)] ----> [Terminals 5(+) & 6(-)] ----> [Internal Isolator]
|
v
[Receiving Device] <--------- [Terminals 1(+) & 2(-)] <---- [Output Circuit]
```
---
- ⤷
What is the maximum allowable load resistance for the M2UDS-5W0-R?
- ⤷ How does the voltage drop of this isolator affect the input loop calculations?
- ⤷ Can this model be used with a 0-10V signal conversion?